Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 110 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 110 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 106Page - Texas Instruments TDA2SA Datasheet HTML 107Page - Texas Instruments TDA2SA Datasheet HTML 108Page - Texas Instruments TDA2SA Datasheet HTML 109Page - Texas Instruments TDA2SA Datasheet HTML 110Page - Texas Instruments TDA2SA Datasheet HTML 111Page - Texas Instruments TDA2SA Datasheet HTML 112Page - Texas Instruments TDA2SA Datasheet HTML 113Page - Texas Instruments TDA2SA Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 427 page
background image
110
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
I2C1 and I2C2 do not support HS mode.
Table 4-10. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface (I2C1)
i2c1_scl
I2C1 Clock
IOD
C20
i2c1_sda
I2C1 Data
IOD
C21
Inter-Integrated Circuit Interface (I2C2)
i2c2_scl
I2C2 Clock
IOD
F17
i2c2_sda
I2C2 Data
IOD
C25
Inter-Integrated Circuit Interface (I2C3)
i2c3_scl
I2C3 Clock
IOD
P7/ D14/ AB4/ F20
i2c3_sda
I2C3 Data
IOD
N1/ C14/ AC5/ E21
Inter-Integrated Circuit Interface (I2C4)
i2c4_scl
I2C4 Clock
IOD
R6/ J14/ A21/ Y9
i2c4_sda
I2C4 Data
IOD
T9/ B14/ C18/ W7
Inter-Integrated Circuit Interface (I2C5)
i2c5_scl
I2C5 Clock
IOD
AB9/ P6/ F12
i2c5_sda
I2C5 Data
IOD
AA3/ R9/ G12
4.4.8
Universal Asynchronous Receiver Transmitter (UART)
NOTE
For more information see the Serial Communication Interface /UART/IrDA/CIR section of the
device TRM.
Table 4-11. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter (UART1)
uart1_dcdn
UART1 Data Carrier Detect active low
I
D28
uart1_dsrn
UART1 Data Set Ready Active Low
I
D26
uart1_dtrn
UART1 Data Terminal Ready Active Low
O
D27
uart1_rin
UART1 Ring Indicator
I
C28
uart1_rxd
UART1 Receive Data
I
B27
uart1_txd
UART1 Transmit Data
O
C26
uart1_ctsn
UART1 clear to send active low
I
E25
uart1_rtsn
UART1 request to send active low
O
C27
Universal Asynchronous Receiver/Transmitter (UART2)
uart2_rxd
UART2 Receive Data
I
D28
uart2_txd
UART2 Transmit Data
O
D26
uart2_ctsn
UART2 clear to send active low
I
D27
uart2_rtsn
UART2 request to send active low
O
C28
Universal Asynchronous Receiver/Transmitter (UART3)/IrDA
uart3_rxd
UART3 Receive Data for both normal UART mode and IrDA mode
I
V2 / AB3 / A26/ D27
uart3_txd
UART3 Transmit Data
O
Y1/ B22/ C28/ AA4
uart3_ctsn
UART3 clear to send active low
I
U4/ W9/ G17/ D28
uart3_rtsn
UART3 request to send active low
O
V1/ V9/ D26/ B24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com