Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 118 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 118 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 114Page - Texas Instruments TDA2SA Datasheet HTML 115Page - Texas Instruments TDA2SA Datasheet HTML 116Page - Texas Instruments TDA2SA Datasheet HTML 117Page - Texas Instruments TDA2SA Datasheet HTML 118Page - Texas Instruments TDA2SA Datasheet HTML 119Page - Texas Instruments TDA2SA Datasheet HTML 120Page - Texas Instruments TDA2SA Datasheet HTML 121Page - Texas Instruments TDA2SA Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 427 page
background image
118
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4.4.15 Controller Area Network Interface (DCAN)
NOTE
For more information, see the Serial Communication Interface / DCAN section of the device
TRM.
Table 4-18. DCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_tx
DCAN1 transmit data pin
IO
G20
dcan1_rx
DCAN1 receive data pin
IO
G19/ AD17
DCAN 2
dcan2_tx
DCAN2 transmit data pin
IO
E21/ B21
dcan2_rx
DCAN2 receive data pin
IO
F20/ AC17/ B20
4.4.16 Ethernet Interface (GMAC_SW)
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are valid only if signals within a single IOSET are used. The
IOSETs are defined in the Table 7-71, Table 7-74, Table 7-79 and Table 7-86.
NOTE
For more information, see the Serial Communication Interfaces / Ethernet Controller section
of the device TRM.
Table 4-19. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
RGMII0
rgmii0_txc
RGMII0 Transmit Clock
O
W9
rgmii0_txctl
RGMII0 Transmit Enable
O
V9
rgmii0_txd3
RGMII0 Transmit Data
O
V7
rgmii0_txd2
RGMII0 Transmit Data
O
U7
rgmii0_txd1
RGMII0 Transmit Data
O
V6
rgmii0_txd0
RGMII0 Transmit Data
O
U6
rgmii0_rxc
RGMII0 Receive Clock
I
U5
rgmii0_rxctl
RGMII0 Receive Control
I
V5
rgmii0_rxd3
RGMII0 Receive Data
I
V4
rgmii0_rxd2
RGMII0 Receive Data
I
V3
rgmii0_rxd1
RGMII0 Receive Data
I
Y2
rgmii0_rxd0
RGMII0 Receive Data
I
W2
RGMII1
rgmii1_rxc
RGMII1 Receive Clock
I
C5
rgmii1_rxctl
RGMII1 Receive Control
I
A3
rgmii1_rxd0
RGMII1 Receive Data
I
A4
rgmii1_rxd1
RGMII1 Receive Data
I
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com