Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 121 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 121 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 117Page - Texas Instruments TDA2SA Datasheet HTML 118Page - Texas Instruments TDA2SA Datasheet HTML 119Page - Texas Instruments TDA2SA Datasheet HTML 120Page - Texas Instruments TDA2SA Datasheet HTML 121Page - Texas Instruments TDA2SA Datasheet HTML 122Page - Texas Instruments TDA2SA Datasheet HTML 123Page - Texas Instruments TDA2SA Datasheet HTML 124Page - Texas Instruments TDA2SA Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 427 page
background image
121
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-20. eMMC/SD/SDIO Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mmc3_cmd
MMC3 command
IO
AC4
mmc3_sdcd
MMC3 Card Detect
I
B21
mmc3_sdwp
MMC3 Write Protect
I
B20
mmc3_dat0
MMC3 data bit 0
IO
AC7
mmc3_dat1
MMC3 data bit 1
IO
AC6
mmc3_dat2
MMC3 data bit 2
IO
AC9
mmc3_dat3
MMC3 data bit 3
IO
AC3
mmc3_dat4
MMC3 data bit 4
IO
AC8
mmc3_dat5
MMC3 data bit 5
IO
AD6
mmc3_dat6
MMC3 data bit 6
IO
AB8
mmc3_dat7
MMC3 data bit 7
IO
AB5
Multi Media Card 4
mmc4_sdcd
MMC4 Card Detect
I
B27
mmc4_sdwp
MMC4 Write Protect
I
C26
mmc4_clk(1)
MMC4 clock
IO
E25
mmc4_cmd
MMC4 command
IO
C27
mmc4_dat0
MMC4 data bit 0
IO
D28
mmc4_dat1
MMC4 data bit 1
IO
D26
mmc4_dat2
MMC4 data bit 2
IO
D27
mmc4_dat3
MMC4 data bit 3
IO
C28
(1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer
to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal
loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as
close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad
loopback clock pin between VIH and VIL must be less than VHYS.
4.4.18 General-Purpose Interface (GPIO)
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
Table 4-21. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
gpio1_0
General-Purpose Input
I
AD17
gpio1_1
General-Purpose Input
I
AC17
gpio1_2
General-Purpose Input
I
AB16
gpio1_3
General-Purpose Input
I
AC16
gpio1_4
General-Purpose Input/Output
IO
D15
gpio1_5
General-Purpose Input/Output
IO
A17
gpio1_6
General-Purpose Input/Output
IO
M6
gpio1_7
General-Purpose Input/Output
IO
M2
gpio1_8
General-Purpose Input/Output
IO
L5
gpio1_9
General-Purpose Input/Output
IO
M1
gpio1_10
General-Purpose Input/Output
IO
L6
gpio1_11
General-Purpose Input/Output
IO
L4
gpio1_12
General-Purpose Input/Output
IO
L3
gpio1_13
General-Purpose Input/Output
IO
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com