Electronic Components Datasheet Search
  English  ▼

X  

TPD4F202 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD4F202
Description  TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4F202 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4F202 Datasheet HTML 1Page - Texas Instruments TPD4F202 Datasheet HTML 2Page - Texas Instruments TPD4F202 Datasheet HTML 3Page - Texas Instruments TPD4F202 Datasheet HTML 4Page - Texas Instruments TPD4F202 Datasheet HTML 5Page - Texas Instruments TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VIO
IO to GND
–0.3
6
V
Continuous power dissipation (TA = 70°C)
100
mW
TJ
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings — JEDEC
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings — IEC
VALUE
UNIT
V(ESD)
Electrostatic
discharge
IEC 61000-4-2 contact discharge
±25000
V
IEC 61000-4-2 air-gap discharge
±25000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
I/O to GND
0
5.5
V
TA
Ambient temperature
–40
85
°C
6.5 Thermal Information
THERMAL METRIC(1)
TPD4F202
TPD6F202
UNIT
YFU (DSBGA)
YFU (DSBGA)
10 PINS
15 PINS
RθJA
Junction-to-ambient thermal resistance
91.8
72
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1
0.6
°C/W
RθJB
Junction-to-board thermal resistance
19.7
14.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.3
°C/W
ψJB
Junction-to-board characterization parameter
19.7
14.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
www.ti.com
TPD4F202, TPD6F202
SLLS800B – JUNE 2010 – REVISED MAY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPD4F202 TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com