Electronic Components Datasheet Search
  English  ▼

X  

TPD4F202 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD4F202
Description  TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4F202 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4F202 Datasheet HTML 3Page - Texas Instruments TPD4F202 Datasheet HTML 4Page - Texas Instruments TPD4F202 Datasheet HTML 5Page - Texas Instruments TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments TPD4F202 Datasheet HTML 10Page - Texas Instruments TPD4F202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6.7 Typical Characteristics
Figure 6-1. Channel-to-Channel Crosstalk
Figure 6-2. Frequency Response Data (0-V Bias)
Time (nS)
0
25
50
75
100
125
150
175
200
225
250
-5
0
5
10
15
20
25
30
35
40
45
50
Out Pin (ESD Strike Terminal)
Input Pin (Internal Terminal)
Figure 6-3. IEC Clamping Waveforms +8-kV
Contact
Time (nS)
0
25
50
75
100
125
150
175
200
225
250
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Out Pin (ESD Strike Terminal)
Input Pin (Internal Terminal)
Figure 6-4. IEC Clamping Waveforms –8-kV
Contact
Figure 6-5. DC Characteristics (IIN vs VIN), TA =
25°C
Figure 6-6. C1 or C2 Capacitance vs VBIAS
www.ti.com
TPD4F202, TPD6F202
SLLS800B – JUNE 2010 – REVISED MAY 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPD4F202 TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com