Electronic Components Datasheet Search
  English  ▼

X  

TPD4F202 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPD4F202
Description  TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4F202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments TPD4F202 Datasheet HTML 10Page - Texas Instruments TPD4F202 Datasheet HTML 11Page - Texas Instruments TPD4F202 Datasheet HTML 12Page - Texas Instruments TPD4F202 Datasheet HTML 13Page - Texas Instruments TPD4F202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
8.2.1 Design Requirements
For this design example, three TPD6F202 devices are used in an 18-bit display panel application. This
application provides a complete ESD and EMI protection solution for the display connector. For the display
panel application, the following parameters are in shown Table 8-1.
Table 8-1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on all pins except GND
0 V to 5 V
Data Rate
200 Mbps
ESD Protection Level
IEC 61000-4-2 Level 4
8.2.2 Detailed Design Procedure
To begin the design process, some design parameters must be decided; the designer needs to know the
operating frequency and the signal range on all the protected lines.
8.2.2.1 Signal Range on All Protected Lines
The TPD6F202 has 6 identical protection channels for signal lines. All I/O pins will support a signal range from 0
to 5.5 V.
8.2.2.2 Data Rate
The TPD6F202 has a 108-MHz, –3-dB bandwidth, which supports the data rate for this display.
8.2.2.3 ESD Protection Level
The contact and air-gap ratings of ± 25 kV for TPD6F202 exceeds the IEC 61000-4-2 Level 4 rating of ± 8-kV
contact and ± 15-kV air-gap ratings.
8.2.3 Application Curve
Figure 8-2. Frequency Response Data (0-V Bias)
9 Power Supply Recommendations
The TPDxF202 device is a passive ESD-protection device, and therefore, does not require a power supply. Take
care to avoid violating the maximum-voltage specification to ensure that the device functions properly. The IO
lines can tolerate up to 6-V DC.
TPD4F202, TPD6F202
SLLS800B – JUNE 2010 – REVISED MAY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPD4F202 TPD6F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com