Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2615 Datasheet HTML 1Page - Monolithic Power Systems MP2615 Datasheet HTML 2Page - Monolithic Power Systems MP2615 Datasheet HTML 3Page - Monolithic Power Systems MP2615 Datasheet HTML 4Page - Monolithic Power Systems MP2615 Datasheet HTML 5Page - Monolithic Power Systems MP2615 Datasheet HTML 6Page - Monolithic Power Systems MP2615 Datasheet HTML 7Page - Monolithic Power Systems MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP2615 – 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.02
www.MonolithicPower.com
4
7/9/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCELL = 0V, VSEL = 0V, C1 = 22µF, C2=22µF, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage and Current
Input Voltage
VIN
VCELL = 4V
4.5
5
18
V
VCELL = 0V
8.75
12
18
Under
Voltage
Lockout
Threshold Rising
VUVLO
3.55
3.75
3.95
V
Under
Voltage
Lockout
Threshold Hysteresis
225
mV
Supply Current
ISHDN
EN = 4V, Shutdown Current
0.27
mA
IQ
EN = 0V, Quiescent Current
1.1
Power MOS
High-side
Switch
On
Resistance
RH_DS(ON) Measured from VIN to SW
110
mΩ
Low-side
Switch
On
Resistance
RL_DS(ON)
110
mΩ
Switch Leakage
EN = 4V, VSW = 0V
0
1
μA
Frequency and Time Parameter
Switching Frequency
FSW
VBATT = 7.5V
760
kHz
Fold-back Frequency
VBATT = 0V
160
kHz
Minimum Off Time (5)
TOFF
VBATT = 9V
200
ns
Charging Parameter
Terminal Battery Voltage
VBATT_FULL
VSEL = 0V
4.168
4.2
4.231
V/Cell
VSEL = 4V
4.069
4.1
4.131
Battery
Over
Voltage
Threshold
VBOVP
VCELL = 0V, VSEL=0V
8.34
8.71
9.08
VCELL = 0V, VSEL=4V
8.14
8.51
8.88
VCELL = 4V, VSEL=0V
4.17
4.36
4.54
VCELL = 4V, VSEL=4V
4.07
4.26
4.44
Recharge Threshold at VBATT
VRECH
VSEL = 0V
4.0
VSEL = 4V
3.9
Recharge Hysteresis
150
mV/Cell
Trickle
Charge
Voltage
Threshold
VTC
VSEL = 0V
3
V/Cell
VSEL = 4V
2.91
Trickle Charge Hysteresis
225
mV/Cell
Peak Current Limit
CC
3.2
A
Trickle
2.2
CC Current
ICC
RS1 = 50mΩ
1.8
2
2.2
A
Trickle Charge Current
ITC
5%
10%
15%
ICC
Termination
Current
Threshold
IBF
5%
10%
15%
ICC
VIN
minimum
Head-room
(reverse blocking)
VIN − VBATT
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com