Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2615 Datasheet HTML 1Page - Monolithic Power Systems MP2615 Datasheet HTML 2Page - Monolithic Power Systems MP2615 Datasheet HTML 3Page - Monolithic Power Systems MP2615 Datasheet HTML 4Page - Monolithic Power Systems MP2615 Datasheet HTML 5Page - Monolithic Power Systems MP2615 Datasheet HTML 6Page - Monolithic Power Systems MP2615 Datasheet HTML 7Page - Monolithic Power Systems MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP2615
2A, 1- or 2- Cell Li-ion Battery Charger
In 3mm x 3mm Package
MP2615 Rev. 1.02
www.MonolithicPower.com
1
7/9/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2615 is a high efficiency switch mode
battery charger suitable for 1- or 2- cell lithium-
ion
or
lithium-Polymer
applications.
The
MP2615 is capable of delivering 2A of charge
current programmable via an accurate sense
resistor over the entire input range.
The MP2615 regulates the charge current and
full battery voltage using two control loops to
achieve high accuracy constant current (CC)
charge and constant voltage (CV) charge.
Constant-off-time (COT) mode control allows
operation up to 99% duty cycle when the
battery voltage is close to the input voltage and
in order to keep charge current always at a
relative high level.
Battery temperature and charging status are
always monitored during each charging cycle.
Two status monitor output pins are provided to
indicate the battery charging status and input
power status. The MP2615 also features
internal reverse blocking protection.
The MP2615 is available in a 3mm × 3mm 16-
pin QFN package.
FEATURES
 4.75V to 18V Operating Input Voltage
 Up to 99% Duty Cycle Operation
 Up to 2A Programmable Charging Current
 ±0.75% Full Battery Voltage Accuracy
 4.1V/Cell and 4.2V/Cell Selection for Full
Battery Voltage
 Full Integrated Power Switches
 Internal Loop Compensation
 No External Reverse Blocking Diode
Required
 Preconditioning for Fully Depleted Battery
 Charging Operation Indicator
 Programmable Safety Timer
 Thermal Shutdown Protection
 Cycle-by-Cycle Over Current Protection
 Battery Temperature Monitor and Protection
APPLICATIONS
 Smart Phones
 Portable Hand-held Solutions
 Portable Media Players
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation) and AAM (Advanced Asynchronous
Mode) are trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0
0.5
1
1.5
2
2.5
60
65
70
75
80
85
90
95
100


Similar Part No. - MP2615

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615AGQ MPS-MP2615AGQ Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615BGQ MPS-MP2615BGQ Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results

Similar Description - MP2615

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com