Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2615 Datasheet HTML 1Page - Monolithic Power Systems MP2615 Datasheet HTML 2Page - Monolithic Power Systems MP2615 Datasheet HTML 3Page - Monolithic Power Systems MP2615 Datasheet HTML 4Page - Monolithic Power Systems MP2615 Datasheet HTML 5Page - Monolithic Power Systems MP2615 Datasheet HTML 6Page - Monolithic Power Systems MP2615 Datasheet HTML 7Page - Monolithic Power Systems MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP2615 – 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.02
www.MonolithicPower.com
5
7/9/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VCELL = 0V, VSEL = 0V, C1 = 22µF, C2=22µF, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Maximum
Current
Sense
Voltage
(CSP to BATT)
VSENSE
90
100
110
mV
CSP, BATT Current
ICSP, IBATT Charging disabled
3
µA
ACOK/CHGOK Open-drain
Sink Current
VDRAIN = 0.3V
5
mA
VCC Regulator Output
VCC Output Voltage
VCC
4.35
4.5
4.65
V
VCC Load Regulation
∆VCC
ILOAD=0 to 10mA
10
mV
EN Control
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.8
V
EN Input Current
IEN
EN = 4V
4
μA
EN = 0V
0.2
Logic
CELL Input Low Voltage
VL
0.4
V
CELL Input High Voltage
VH
1.8
V
SEL Input Low Voltage
VL
0.4
V
SEL Input High Voltage
VH
1.8
V
Timer Protection
Trickle Charge Time
tTrickle_tmr CTMR = 0.47μF
30
Mins
CC/CV Charge Time
tTotal_tmr
CTMR = 0.47μF
165
NTC Protection
NTC
Low
Temp
Rising
Threshold
RNTC=NCP18X103, 0°C
72
73.3
74.6
%VCC
NTC
Low
Temp
Rising
Threshold Hysteresis
2
NTC High Temp Falling
Threshold
RNTC=NCP18X103, 50°C
28
29.3
30.6
NTC
Low
Temp
Falling
Threshold Hysteresis
2
Thermal Protection
Thermal Shutdown(5)
TSHDN
150
°C
Thermal
Shutdown
Hysteresis(5)
20
°C
Reverse Leakage Blocking
Battery Reverse Leakage
Current
ILEAKAGE
VCELL = 0V
3
uA
VCELL = 4V
0.5
µA
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com