Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2615 Datasheet HTML 2Page - Monolithic Power Systems MP2615 Datasheet HTML 3Page - Monolithic Power Systems MP2615 Datasheet HTML 4Page - Monolithic Power Systems MP2615 Datasheet HTML 5Page - Monolithic Power Systems MP2615 Datasheet HTML 6Page - Monolithic Power Systems MP2615 Datasheet HTML 7Page - Monolithic Power Systems MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems MP2615 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP2615 – 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.02
www.MonolithicPower.com
6
7/9/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SW
Switch Output
2
VIN
Power Supply Voltage.
3
VCC
Coarse Regulator Output. Internally generated 4.5V. Bypass with a 1µF capacitor to AGND.
Used to be low-side switch driver and pull-up bias voltage NTC resistive divider. Do not
connect any external load at this pin.
4
CELL
Command Input for the Number of Li-Ion Cells. Connect this pin to VCC for 1-cell
application and short it to AGND or keep it floating for 2- Cell application.
5
SEL
Input Pin for Setting Terminal Battery Voltage:
SEL = Low-level or Float: VBATT = 4.2V/Cell.
SEL = High-level: VBATT =4.1V/Cell.
6
EN
On/ Off Control Input. This pin is pulled to GND with a 1Meg internal resistor. suggest to
connect a 100kΩ resistor in series with EN pin.
7
N/C
NO CONNECT. Please leave this pin floating.
8
AGND
Analog Ground.
9
BATT
Positive Battery Terminal.
10
CSP
Battery Current Sense Positive Input. Connect a resistor RS1 between CSP and BATT.
11
CHGOK
Charging Completion Indicator. A logic Low indicates charging operation. The pin will
become an open drain once the charge is completed or suspended.
12
ACOK
Valid Input Supply Indicator. A logic Low on this pin indicates the presence of a valid input
power supply.
13
NTC
Thermistor Input. Connect a resistor from this pin to the pin VCC and the thermistor from
this pin to ground.
14
TMR
Internal Safety Timer Control. Connect a capacitor from this node to AGND to set the timer.
And the timer can be disabled by connecting this pin to AGND directly.
15
BST
Bootstrap pin. A capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver.
16
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com