Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2615 Datasheet HTML 7Page - Monolithic Power Systems MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems MP2615 Datasheet HTML 10Page - Monolithic Power Systems MP2615 Datasheet HTML 11Page - Monolithic Power Systems MP2615 Datasheet HTML 12Page - Monolithic Power Systems MP2615 Datasheet HTML 13Page - Monolithic Power Systems MP2615 Datasheet HTML 14Page - Monolithic Power Systems MP2615 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MP2615 – 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.02
www.MonolithicPower.com
11
7/9/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V/9V, C1=C2=22µF, SEL=Float/High, CELL=Float/High, L=6.8µH, RS1=50mΩ, Battery
Simulator, TA = 25°C, unless otherwise noted.
VIN
10V/div.
VSW
10V/div.
VBATT
10V/div.
IBATT
500mA/div.
VIN
5V/div.
VSW
5V/div.
VBATT
2V/div.
IBATT
2A/div.
VIN
5V/div.
VSW
5V/div.
VBATT
2V/div.
IBATT
2A/div.
VIN
5V/div.
VSW
10V/div.
VBATT
5V/div.
IBATT
1A/div.
VIN
5V/div.
VSW
10V/div.
VBATT
5V/div.
IBATT
1A/div.
VIN
5V/div.
VSW
5V/div.
VBATT
2V/div.
IBATT
2A/div.
Power Off
VIN = 18V, 2 Cell, VBATT = 8.4V
En On
VIN = 5V, 1 Cell, VBATT = 3.6V
En Off
VIN = 5V, 1 Cell, VBATT = 3.6V
En On
VIN = 5V, 1 Cell, VBATT = 4.2V
En On
VIN = 9V, 2 Cell, VBATT = 7.2V
En Off
VIN = 9V, 2 Cell, VBATT = 8.4V
VNTC
2V/div.
VSW
5V/div.
VBATT
2V/div.
IBATT
1A/div.
VTMR
2V/div.
VSW
10V/div.
VBATT
2V/div.
IBATT
1A/div.
VBATT
2V/div.
VCHGOK
2V/div.
VACOK
2V/div.
IBATT
500mA/div.
NTC Fault Control
VIN = 5V, 1 Cell, VBATT = 3.6V
Timer Out
VIN = 9V, 2 Cell,
VBATT = 8.4V, CTMR = 220pF
Charge Full Indication
VIN = 5V, 1 Cell, VBATT = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com