Electronic Components Datasheet Search
  English  ▼

X  

TH8080 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH8080 Datasheet HTML 1Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 5 of 23
3901008080
July 2004
Rev 006
2. Electrical Specification
All voltages are referenced to ground (GND). Positive currents flow into the IC.
The absolute maximum ratings (in accordance with IEC 134) given in the table below are limiting values that
do not lead to a permanent damage of the device but exceeding any of these limits may do so. Long term
exposure to limiting values may effect the reliability of the device.
2.1
Operating Conditions
Parameter
Symbol
Min
Max
Unit
Battery supply voltage [1]
VS
7
18
V
Supply voltage
VCC
4.5
5.5
V
Operating ambient temperature
Tamb
-40
+125
°C
[1]
Vs is the IC supply voltage including voltage drop of reverse battery protection diode, VDROP = 0.4 to 1V,
VBAT_ECU voltage range is 8 to 18V
2.2
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
t < 1 min
30
Battery Supply Voltage
VS
Load dump, t < 500ms
-0.3
40
V
Supply Voltage
VCC
-0.3
+7
V
Transient supply voltage
VS.tr1
ISO 7637/1 pulse 1[1]
-150
V
Transient supply voltage
VS..tr2
ISO 7637/1 pulses 2[1]
100
V
Transient supply voltage
VS..tr3
ISO 7637/1 pulses 3A, 3B
-150
150
V
t < 500ms , Vs = 18V
-27
BUS voltage
VBUS
t < 500ms ,Vs = 0V
-40
40
V
Transient bus voltage
VBUS..tr1
ISO 7637/1 pulse 1 [2]
-150
V
Transient bus voltage
VBUS.tr2
ISO 7637/1 pulses 2 [2]
100
V
Transient bus voltage
VBUS.tr3
ISO 7637/1 pulses 3A, 3B [2]
-150
150
V
DC voltage on pins TxD, RxD
VDC
-0.3
7
V
ESD capability of pin LIN,VS
ESDHB
Human body model,
equivalent to discharge
100pF with 1.5k
Ω,
-4
4
kV
ESD capability of pin RxD, TxD, VCC
ESDHB
Human body model,
equivalent to discharge
100pF with 1.5k
Ω,
-2
2
kV
Maximum latch - up free current at any Pin
ILATCH
-500
500
mA
Thermal impedance
ΘJA
in free air
152
K/W
Storage temperature
Tstg
-55
+150
°C
Junction temperature
Tvj
-40
+150
°C
[1]
ISO 7637 test pulses are applied to VS via a reverse polarity diode and >2uF blocking capacitor.
[2]
ISO 7637 test pulses are applied to BUS via a coupling capacitance of 1 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com