Electronic Components Datasheet Search
  English  ▼

X  

TH8080 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH8080 Datasheet HTML 1Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 1 of 23
3901008080
July 2004
Rev 006
Features
Compatible to LIN Specification Version 1.3 and 2.0
Compatible to ISO9141 functions
Baud rate up to 20 kBaud
Operating voltage VS = 7 to 18 V
Low current consumption of typ. 24µA
Wake-up via LIN bus traffic
Slew rate control for good EME behavior
High EMI immunity
Fully integrated receiver filter
Bus terminals proof against short-circuits and transients in the automotive environment
High impedance BUS pin in case of loss of ground and undervoltage condition
High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
Automotive Temperature Range of –40°C to 125°C
CMOS compatible interface to microcontroller
Thermal overload protection
Load dump protection (40V)
±4kV ESD protection
Small SOIC8 package
Ordering Information
Part No.
Temperature Range
Package
TH8080 KDC
K (-40 to 125 °C)
DC (SOIC8)
General Description
The TH8080 is a physical layer device for a single wire data link capable of operating in applications where
high data rate is not required and a lower data rate can achieve cost reductions in both the physical media
components and in the microprocessor which use the network. The TH8080 is designed in accordance to the
physical layer definition of the LIN Protocol Specification, Rev. 1.3 and 2.0.The IC furthermore can be used
in ISO9141 systems.
Because of the very low current consumption of the TH8080 in recessive state it’s suitable for ECU
applications with hard standby current requirements, whereby no sleep/wake up control from the
microprocessor is necessary.


Similar Part No. - TH8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
TH8082KDC MELEXIS-TH8082KDC Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
More results

Similar Description - TH8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
TRANSCEIVER
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
Transceiver
October, 2015 ??Rev. 0
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com