Electronic Components Datasheet Search
  English  ▼

X  

TH8080 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 7 of 23
3901008080
July 2004
Rev 006
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Protection
Thermal shutdown
Tsd [1]
155
180
°C
Thermal recovery
Thys [1]
126
150
°C
[1]
No production test, guaranteed by design and qualification
[2]
In accordance to LIN physical layer specification 1.3
[3]
In accordance to LIN physical layer specification 2.0
2.4
Dynamic Characteristics
Unless otherwise specified all values in the following table are valid for VS = 7 to 18V and
TAMB= -40 to 125
oC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Propagation delay transmitter [1] [3] [7]
ttrans_pd
Bus loads: 1K
Ω/1nF,
660
Ω/6.8nF, 500Ω/10nF
5
µs
Propagation delay transmitter symmetry [3] [7]
ttrans_sym
Calculate ttrans_pdf - ttrans_pdr
-2
2
µs
Propagation delay receiver [1] [5] [6] [7] [8]
trec_pdf
CRxD = 25pF
6
µs
Propagation delay receiver symmetry [7] [8]
trec_sym
Calculate ttrans_pdf - ttrans_pdr
-2
2
µs
Slew rate rising and falling edge,
high battery [4] [7]
|tSR_HB|
Bus load 1K
Ω/1nF;
660
Ω/6.8nF; 500Ω/10nF
VS = 18V
1
2
3
V/µs
Slew rate rising and falling edge,
low battery [4] [7]
|tSR_LB|
Bus load 1K
Ω/1nF;
660
Ω/6.8nF; 500Ω/10nF
VS = 7V
0.5
2
3
V/µs
Slope Symmetry, high battery [4] [7]
t
ssym_HB
Bus load 1K
Ω/1nF;
660
Ω/6.8nF; 500Ω/10nF
VS = 18V
Calculate tsdom – tsrec
-5
+5
µs
Bus duty cycle 1 [8] [9]
D1
Calculate
tBus_rec(min) / 100µs
0.396
Bus duty cycle 2 [8] [9]
D2
Calculate
tBus_rec(max) / 100µs
0.581
Receiver debounce time [2] [5] [6]
trec_deb
BUS rising and falling edge
1.5
4
µs
[1]
Propagation delays are not relevant for LIN protocol transmission, value only information parameter
[2]
No production test, guaranteed by design and qualification
[3]
See Figure 2 – Transmit delay
[4]
See Figure 7 - Slope time and slew rate calculation in accordance to LIN 1.3
[5]
This parameter is tested by applying a square wave signal to the bus. The minimum slew rate for the bus rising and falling
edges is 50V/us
[6]
See Figure 3 – Receiver debouncing and propagation delay
[7]
In accordance to LIN physical layer specification 1.3
[8]
In accordance to LIN physical layer specification 2.0
[9]
See Figure 8 - Duty cycle calculation in accordance to LIN 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com