Electronic Components Datasheet Search
  English  ▼

X  

TH8080 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 8 of 23
3901008080
July 2004
Rev 006
2.5
Timing Diagrams
TxD
BUS
ttrans_f
RxD
VBUS
95%
ttrans_r
5%
100%
0%
50%
Figure 2 – Transmit delay
VRxD
VBUS
tREC_PDR
50%
t
t
tREC_PDF
t < trec_deb
t < trec_deb
Figure 3 – Receiver debouncing and propagation delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com