Electronic Components Datasheet Search
  English  ▼

X  

TH8080 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 12 of 23
3901008080
July 2004
Rev 006
4. Operating under Disturbance
4.1
Loss of battery
If the ECU is disconnected from the battery, the bus pin is in high impedance state. There is no impact to the
bus traffic and to the ECU itself.
4.2
Loss of Ground
In case of an interrupted ECU ground connection there is no influence to the bus line.
4.3
Short circuit to battery
The transmitter output current is limited to the specified value in case of short circuit to battery in order to
protect the TH8080 itself against high current densities .
4.4
Short circuit to ground
If the bus line is shorted to negative shifted ground levels, there is no current flow from the ECU ground to
the bus and no distortion of the bus traffic occurs.
4.5
Thermal overload
The TH8080 is protected against thermal overloads. If the chip temperature exceeds the specified value, the
transmitter is switched off until thermal recovery. The receiver is still working while thermal shutdown.
4.6
Undervoltage Vcc
If the ECU regulated supply voltage is missing or decreases under the specified value, the transmitter is
switched off to prevent undefined bus traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com