Electronic Components Datasheet Search
  English  ▼

X  

RF7115SB Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF7115SB Datasheet HTML 6Page - RF Micro Devices RF7115SB Datasheet HTML 7Page - RF Micro Devices RF7115SB Datasheet HTML 8Page - RF Micro Devices RF7115SB Datasheet HTML 9Page - RF Micro Devices RF7115SB Datasheet HTML 10Page - RF Micro Devices RF7115SB Datasheet HTML 11Page - RF Micro Devices RF7115SB Datasheet HTML 12Page - RF Micro Devices RF7115SB Datasheet HTML 13Page - RF Micro Devices RF7115SB Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
16
RX 4
RX 4 port of antenna switch. This is a 50
Ω output.
Note that there will be a DC voltage present equal to VBATT -0.5V.
17
GND
18
GND
19
GND
20
GND
21
ANT
Antenna port of antenna switch. This is a 50
Ω output. Provides DC block-
ing as well as ESD protection.
22
GND
23
GND
Pkg
Base
GND
RX1900
ANTENNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com