Electronic Components Datasheet Search
  English  ▼

X  

RF7115SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF7115SB Datasheet HTML 1Page - RF Micro Devices RF7115SB Datasheet HTML 2Page - RF Micro Devices RF7115SB Datasheet HTML 3Page - RF Micro Devices RF7115SB Datasheet HTML 4Page - RF Micro Devices RF7115SB Datasheet HTML 5Page - RF Micro Devices RF7115SB Datasheet HTML 6Page - RF Micro Devices RF7115SB Datasheet HTML 7Page - RF Micro Devices RF7115SB Datasheet HTML 8Page - RF Micro Devices RF7115SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
GSM900 Mode
Temp=+25°C, V
BATT =3.5 V,
VRAMP MAX, PIN=4dBm,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
880
915
MHz
Maximum Output Power
33.0
33.5
dBm
25% duty cycle, pulse width 1154us
32.8
dBm
50% duty cycle, pulse width 2308us
31.0
dBm
Temp=+85°C, V
BATT =3.0 V,
VRAMP=VRAMP MAX
Total Efficiency
35
40
%
At POUT MAX, VBATT=3.5V
Input Power Range
2
4
6
dBm
Full output power guaranteed at minimum
drive level
Output Noise Power
-85
-79
dBm
925MHz to 935MHz, RBW=100kHz,
POUT>+5dBm
-89
-83
dBm
935MHz to 960MHz, RBW=100kHz,
POUT>+5dBm
<-100
-87
dBm
1805MHz to 1880MHz, RBW=100kHz,
POUT>+5dBm
Forward Isolation 1
-60
-41
dBm
TXEnable=Low, PIN=+6dBm, VRAMP=0.25V,
B1=High, B2=Low, B3=High
Forward Isolation 2
-27
-15
dBm
TXEnable=High, PIN=+6dBm, VRAMP=0.25V,
B1=High, B2=Low, B3=High
All Harmonics up to 12.75GHz
-40
-35
dBm
Over all power levels (5dBm to 33dBm)
All Non-Harmonic Spurious
-36
dBm
Over all power levels (5dBm to 33dBm)
Input VSWR
2.5:1
Over all power levels (5dBm to 33dBm)
Output Load VSWR Stability
10:1
Spurious<-36dBm, set VRAMP where
POUT<33.0dBm into 50Ω load
Output Load VSWR Ruggedness
20:1
Set VRAMP where POUT<33.0dBm into 50Ω
load
Input and Output Impedance
50
Ω
Note: VRAMP MAX=3/8*VBATT+0.15<1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com