Electronic Components Datasheet Search
  English  ▼

X  

RF7115SB Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF7115SB Datasheet HTML 13Page - RF Micro Devices RF7115SB Datasheet HTML 14Page - RF Micro Devices RF7115SB Datasheet HTML 15Page - RF Micro Devices RF7115SB Datasheet HTML 16Page - RF Micro Devices RF7115SB Datasheet HTML 17Page - RF Micro Devices RF7115SB Datasheet HTML 18Page - RF Micro Devices RF7115SB Datasheet HTML 19Page - RF Micro Devices RF7115SB Datasheet HTML 20Page - RF Micro Devices RF7115SB Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
2
3
4
5
9
13
6
14
15
16
21
7
8
1
Fully Integrated
Power Control Circuit
and Switch Decoder
pHEMT
Switch
10
GND: Internally
connected to HB Q2
De-coupling Capacitor
requires external GND
11
12
GND: Connected to
backside GND
16 - 20
22
LB RF IN
50
Ω μstrip
VSENSE
Customer Option.
See Application Note.
B1
B2
VBATT
4.7 uF
B3
TXEN
Optional
depending on
BB selection
VRAMP
50
Ω μstrip
HB RFIN
33 pF
33 pF
33 pF
33 pF
RX1
RX2
RX3
RX4
50
Ω μstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com