Electronic Components Datasheet Search
  English  ▼

X  

RF7115SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Datasheet(HTML) 2 Page - RF Micro Devices

  RF7115SB Datasheet HTML 1Page - RF Micro Devices RF7115SB Datasheet HTML 2Page - RF Micro Devices RF7115SB Datasheet HTML 3Page - RF Micro Devices RF7115SB Datasheet HTML 4Page - RF Micro Devices RF7115SB Datasheet HTML 5Page - RF Micro Devices RF7115SB Datasheet HTML 6Page - RF Micro Devices RF7115SB Datasheet HTML 7Page - RF Micro Devices RF7115SB Datasheet HTML 8Page - RF Micro Devices RF7115SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
V
Power Control Voltage (V
RAMP)
-0.3 to +1.8
V
Input RF Power
+10
dBm
Max Duty Cycle
50
%
Output Load VSWR
20:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Control
VRAMP
Power Control “ON”
1.5
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. POUT, Voltage supplied to the input
V
RAMP Input Capacitance
15
20
pF
DC to 2MHz
V
RAMP Input Current
10
μAV
RAMP =V
RAMP MAX
Turn On/Off Time
2
us
V
RAMP =0V to V
RAMP MAX
Power Control Range
50
dB
V
RAMP =0.25V to V
RAMP MAX
VRAMP POUT BW
2.0
2.5
MHz
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
3.0
5.5
V
Nominal operating limits
Power Supply Current
1
20
μAPIN<-30dBm, TX Enable=Low,
VRAMP=0V, Temp=-20°C to +85°C,
VBATT=5.5V
Overall Control Signals
B1, B2, B3 “Low”
0
0
0.5
V
B1, B2, B3 “High”
1.25
2.0
3.0
V
B1, B2, B3 “High Current”
1
2
uA
TX Enable “Low”
0
0
0.5
TX Enable “High”
1.25
2.0
3.0
V
TX Enable “High Current”
1
2
uA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com