Electronic Components Datasheet Search
  English  ▼

X  

RF7115SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF7115SB Datasheet HTML 4Page - RF Micro Devices RF7115SB Datasheet HTML 5Page - RF Micro Devices RF7115SB Datasheet HTML 6Page - RF Micro Devices RF7115SB Datasheet HTML 7Page - RF Micro Devices RF7115SB Datasheet HTML 8Page - RF Micro Devices RF7115SB Datasheet HTML 9Page - RF Micro Devices RF7115SB Datasheet HTML 10Page - RF Micro Devices RF7115SB Datasheet HTML 11Page - RF Micro Devices RF7115SB Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
TX-Section
Isolation, ANT-RX1-4
Freq 824MHz to 849MHz
RX1
-0.75
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX2
-0.75
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX3
1.75
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX4
1.75
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
Freq 880MHz to 915MHz
RX1
0.25
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX2
0.25
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX3
2.50
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
RX4
2.50
10
dBm
Temp=+25°C, VCC=3.5V, POUT=33dBm
Freq 1710MHz to 1785MHz
RX1
8.50
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX2
5.00
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX3
-5.00
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX4
5.50
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
Freq 1850MHz to 1910MHz
RX1
9.25
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX2
6.00
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX3
-5.50
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
RX4
6.00
10
dBm
Temp=+25°C, VCC=3.5V, POUT=30dBm
Note: Isolation specification max limit set to ensure at least 20dB of isolation. Calculation example: POUT@ANT-POUT@RXPort, Lo Band
Isolation=33-10=23dB, Hi Band Isolation=30-10=20dB. Additional RX3 circuitry ensures specification for Hi Band TX-RX overlapping
frequencies. Lo Band RX-RX overlapping frequencies has sufficient margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com