Electronic Components Datasheet Search
  English  ▼

X  

RF5389 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5389
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5389 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5389 Datasheet HTML 6Page - RF Micro Devices RF5389 Datasheet HTML 7Page - RF Micro Devices RF5389 Datasheet HTML 8Page - RF Micro Devices RF5389 Datasheet HTML 9Page - RF Micro Devices RF5389 Datasheet HTML 10Page - RF Micro Devices RF5389 Datasheet HTML 11Page - RF Micro Devices RF5389 Datasheet HTML 12Page - RF Micro Devices RF5389 Datasheet HTML 13Page - RF Micro Devices RF5389 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF5389
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical I_PAEN_A versus POUT @ VCC=3.3V,
PAEN_A=2.85V and @ 25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
POUT (dBm)
4.9GHz
5.4GHz
5.85GHz
Typical PDET Voltage versus POUT @ VCC=3.3V,
PAEN_A=2.85V, and @ 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
POUT (dBm)
4.9GHz
5.4GHz
5.85GHz
Typical Gain versus POUT @ VCC=3.3V, PAEN_A=2.85V,
and @ 25°C
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
POUT (dBm)
4.9GHz
5.4GHz
5.85GHz
Typical ICC versus POUT @ VCC=3.3V, PAEN_A=2.85V,
and @ 25°C
100.0
110.0
120.0
130.0
140.0
150.0
160.0
170.0
180.0
190.0
200.0
210.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
POUT (dBm)
4.9GHz
5.4GHz
5.85GHz
Typical EVM versus POUT @ VCC=3.3V, PAEN_A=2.85V,
and 25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
POUT (dBm)
4.9GHz
5.4GHz
5.85GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com