Electronic Components Datasheet Search
  English  ▼

X  

RF5389 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5389
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5389 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5389 Datasheet HTML 1Page - RF Micro Devices RF5389 Datasheet HTML 2Page - RF Micro Devices RF5389 Datasheet HTML 3Page - RF Micro Devices RF5389 Datasheet HTML 4Page - RF Micro Devices RF5389 Datasheet HTML 5Page - RF Micro Devices RF5389 Datasheet HTML 6Page - RF Micro Devices RF5389 Datasheet HTML 7Page - RF Micro Devices RF5389 Datasheet HTML 8Page - RF Micro Devices RF5389 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
PA EN_a
SW1
SW2
SW3
RX_g2
RX_a1
TX _g
TX_a
PA EN_g
RX_g1
LNA VCC1
ANT1
VCC_g
1
2
4
14
34
12
19
33
8
10
32
31
25
22
21
17
20
5
37
35
36
6
9
23
27
26
PA
PA
LNA
LNA
VCC_g
RF5389
3.3V, DUAL-BAND FRONT-END MODULE
The RF5389 is a single-chip dual-band integrated front-end module (FEM) for high-
performance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF5389
addresses the need for aggressive size reduction for typical 802.11a/b/g and 1x2
11n MIMO RF front-end design and greatly reduces the number of components out-
side of the core chipset thus minimizing the footprint and assembly cost of the over-
all 802.11a/b/g and 11n solution. The RF5389 contains integrated PA’s for
2.5GHz and 5GHz, diplexers, TX/RX switch, dual LNA’s for high receive bands,
matching components, some bypass capacitors, built-in power detector for both
bands, and filtering for transmit and receive paths. The RF5389 is packaged in a
40-pin, 6mmx6mmx0.95mm QFN package with backside ground which greatly
minimizes next level board space and allows for simplified integration.
Features
Single 1x2 11n MIMO FEM
Single Supply Voltage 3.0V to
3.6V
Integrated 2.5GHz & 5GHZ
PA’s, Diplexers, Filters &
Switches for TX & RX
POUT=18dBm, 11g,
OFDM@<4% EVM
POUT=16dBm, 11a, OFDM
4% Typ EVM
Applications
IEEE802.11a/b/g/n Applica-
tions
Single-Chip RF Front-End
Module
2.5GHz and 5GHz ISM Bands
Applications
Wireless LAN Systems
Portable Battery-Powered
Equipment
Supports 1x2 11n MIMO
Applications
RF5389
3.3V, Dual-Band Front-End Module
RF5389PCBA-410
Fully Assembled Evaluation Board
Rev A2 DS071130
RoHS Compliant & Pb-Free Product
Package Style: QFN, 40-Pin, 6mmx6mmx0.95mm


Similar Part No. - RF5389

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385PCK-410 RFMD-RF5385PCK-410 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SQ RFMD-RF5385SQ Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SR RFMD-RF5385SR Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385TR7 RFMD-RF5385TR7 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RF5389

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
3.7V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
LTE Dual-Band Front-End Module for IoT
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
SKY68000-31 SKYWORKS-SKY68000-31 Datasheet
144Kb / 2P
LTE Dual-Band Front-End Module for IoT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com