Electronic Components Datasheet Search
  English  ▼

X  

RF5389 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5389
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5389 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5389 Datasheet HTML 1Page - RF Micro Devices RF5389 Datasheet HTML 2Page - RF Micro Devices RF5389 Datasheet HTML 3Page - RF Micro Devices RF5389 Datasheet HTML 4Page - RF Micro Devices RF5389 Datasheet HTML 5Page - RF Micro Devices RF5389 Datasheet HTML 6Page - RF Micro Devices RF5389 Datasheet HTML 7Page - RF Micro Devices RF5389 Datasheet HTML 8Page - RF Micro Devices RF5389 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF5389
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +4.0
V
DC
Power Control Voltage (PA EN)
-0.5 to +3.5
V
DC Supply Current
400
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-10 to +70
°C
Reduced Performance Temp
-30 to -10
°C
+70 to +85
°C
Storage Temperature
-40 to +85
°C
Moisture Sensitivity
JEDEC Level MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit
T=+25°C, VCC(b/g)=3.3V, PAEN_g=2.85V,
Pulsed at 1% to 100% duty cycle,
Freq=2.4GHz to 2.5GHz, unless otherwise
noted.
Compliance
IEEE802.11b, IEEE802.11g
FCC CFR 15.247, 0.205, 0.209
Frequency
2.4
2.5
GHz
Output Power
14
dBm
With a standard IEEE802.11g waveform @
54Mbps, 64 QAM
EVM*
2
%
At 14dBm, 11g output power, rated 11g POUT,
RMS, Mean with a standard IEEE802.11g
waveform, OFDM, 54Mbps, 64 QAM
Output Power
18
dBm
With a standard IEEE802.11g waveform @
54Mbps, 64 QAM
EVM*
4
%
At rated 11g POUT, RMS, Mean with a standard
IEEE802.11g waveform, OFDM, 54Mbps, 64
QAM
Output Power
20
dBm
With a standard IEEE802.11b waveform @
11Mbps, CCK
Gain
24
26
dB
Gain Variance
±2.0
dB
Over Temperature and Frequency
Power Detect
PDET Voltage Range
0.1
1.8
TBD
V
POUT=0dBm to 20dBm in 11b mode with
11Mbps
PDET Output Resistance
10
k
Ω
PDET Output Capacitance
5
pF
PDET Bandwidth
8
MHz
PDET Sensitivity
>10dBm
25
mV/dB
0<POUT<10dBm
8
mV/dB
Current Operating
140
mA
RF POUT=18dBm with a standard IEEE802.11g
waveform, OFDM, 54Mbits/s, 64 QAM
180
mA
RF POUT=20dBm with a standard IEEE802.11b
waveform, CCK, 11Mbits/s
*The EVM specification includes a 0.5% to 0.7% source EVM floor.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com