Electronic Components Datasheet Search
  English  ▼

X  

RF5389 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5389
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5389 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5389 Datasheet HTML 2Page - RF Micro Devices RF5389 Datasheet HTML 3Page - RF Micro Devices RF5389 Datasheet HTML 4Page - RF Micro Devices RF5389 Datasheet HTML 5Page - RF Micro Devices RF5389 Datasheet HTML 6Page - RF Micro Devices RF5389 Datasheet HTML 7Page - RF Micro Devices RF5389 Datasheet HTML 8Page - RF Micro Devices RF5389 Datasheet HTML 9Page - RF Micro Devices RF5389 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5389
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1PA EN_a
Bias voltage for the 802.11a PA. Internally decoupled port with approximately 100pF.
2TX_a
TX RF input for the 802.11a PA. Input is matched to 50
Ω and DC block is provided internally.
3NC
Not connected.
4TX_g
RF input for the 802.11b/g PA. Input is matched to 50
Ω and DC block is provided.
5PA ENg
Bias voltage for the 802.11b/g PA. Internally decoupled port with approximately 100pF.
6RX_g1
Receive port for 802.11b/g band. Internally matched to 50
Ω.
7GND
Ground connection.
8RX_a1
Receive port for 802.11a band. Internally matched to 50
Ω and DC block is provided internally.
9LNA VCC1
Voltage supply for the LNA.
10
RX_g2
Receive port for 802.11b/g band. Internally matched to 50
Ω.
11
GND
Ground connection.
12
RX_a2
Receive port for 802.11a band. Internally matched to 50
Ω and DC block is provided internally.
13
NC
Not connected.
14
LNA VCC2
Voltage supply for the LNA.
15
NC
Not connected.
16
GND
Ground connection.
17
BT
Bluetooth receive port.
18
GND
Ground connection.
19
SW4
Switch control port.
20
ANT2
RF output. This port is matched to 50
Ω and DC block is provided internally.
21
SW3
Switch control port.
22
SW2
Switch control port.
23
ANT1
RF output. This port is matched to 50
Ω and DC block is provided internally.
24
GND
Ground connection.
25
SW1
Switch control port. (See Switch Truth table for operation.)
26
VCC_g
Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance.
27
VCC_g
Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance.
28
GND
Ground connection.
29
GND
Ground connection.
30
GND
Ground connection.
31
PDET_g
Power detector voltage for the 802.11b/g PA. PDET voltage varies with output power. May need external decou-
pling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level.
32
PDET_a
Power detector voltage for the 802.11a PA. PDET voltage varies with output power. May need external decou-
pling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level.
33
VCC_a
Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance.
34
VCC_a
Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance.
35
VCC_g
Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance.
36
VCC_a
Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance.
37
VCC_g
Supply voltage for the bias reference circuit. Requires external decoupling capacitors for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com