Electronic Components Datasheet Search
  English  ▼

X  

RF5389 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5389
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5389 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5389 Datasheet HTML 3Page - RF Micro Devices RF5389 Datasheet HTML 4Page - RF Micro Devices RF5389 Datasheet HTML 5Page - RF Micro Devices RF5389 Datasheet HTML 6Page - RF Micro Devices RF5389 Datasheet HTML 7Page - RF Micro Devices RF5389 Datasheet HTML 8Page - RF Micro Devices RF5389 Datasheet HTML 9Page - RF Micro Devices RF5389 Datasheet HTML 10Page - RF Micro Devices RF5389 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF5389
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Truth Table for Transmit and Receive Path 1 (ANT1)
Switch Truth Table for Receive Path 2 (ANT2)
Package Drawing
Pin
Function
Description
38
GND
Ground connection.
39
GND
Ground connection.
40
GND
Ground connection.
Pkg
Base
GND
Ground connection. The back side of the package should be connected to ground plane through as short a con-
nection as possible (e.g., PCB vias under the device are recommended).
Mode #
Description
SW1
SW2
PA EN_a
PA EN_g
LNA VCC1
1
Transmit, 2.4GHz
L
H
L
H
L
2Receive, 2.4GHz
H
L
L
L
L
3
Transmit, 5.0GHz
L
H
H
L
L
4Receive, 5.0GHz
H
L
L
L
H
Mode #
Description
SW3
SW4
LNA VCC2
1Receive, 2.4GHz
H
L
L
2Receive, 5.0GHz
H
L
H
3Receive, BT
L
H
L
Dimensions in mm.
Shaded lead is Pin 1.
C AB
0.10
0.28
0.18
4.50
4.30
0.50
0.30
0.50
4.50
4.30
Pin 1 ID
5.75
0.55
0.45
TYP.
5.75
6.00
2 PLCS
0.10 C
B
6.00
A
R0.2
MAX
0.90
0.70
0.70
0.65
0.05
0.01
SEATING
PLANE
C
0.10 C
0.08 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com