Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7991 Datasheet HTML 10Page - Analog Devices AD7991 Datasheet HTML 11Page - Analog Devices AD7991 Datasheet HTML 12Page - Analog Devices AD7991 Datasheet HTML 13Page - Analog Devices AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7991/AD7995/AD7999
Rev. 0 | Page 14 of 28
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VDD = 5V
VREF = 2.5V
fSCL = 1.7MHz
Figure 10. DNL Error, VDD = 5 V, VREF = 2.5 V, fSCL = 1.7 MHz
Without Clock Stretching
800
0
26
VDD (V)
345
fSCL = 1.7MHz
+125°C
+85°C
+25°C
–40°C
600
400
200
Figure 11. IDD Supply Current vs. Supply Voltage, fSCL = 1.7 MHz
Without Clock Stretching, −40°C to +125°C
1000
0
26
VDD (V)
800
600
400
200
345
fSCL = 3.4MHz
+125°C
+85°C
+25°C
–40°C
Figure 12. IDD Supply Current vs. Supply Voltage, f SCL = 3.4 MHz
with Clock Stretching, −40°C to +125°C
–70
–100
1
100
INPUT FREQUENCY (kHz)
–80
–90
fSCL = 1.7MHz
10
VDD = 5V
VDD = 3V
Figure 13. THD vs. Input Frequency, VREF = 2.5 V, fSCL = 1.7 MHz
Without Clock Stretching
fNOISE (kHz)
VDD = 3V
VDD = 5V
VREF = VDD
fSCL = 1.7MHz
TEMPERATURE = TA
89
90
91
92
93
94
95
96
0
1020
3040
50607080
90
100
Figure 14. AD7991 Channel-to-Channel Isolation , fSCL = 1.7 MHz
Without Clock Stretching
–120
–100
–80
–60
–40
–20
0
02
468
10
FREQUENCY (kHz)
16384 POINT FFT
fS = 22.5kSPS
fSCL = 405kHz
fIN = 5.13kHz
SNR = 71.83dB
SINAD = 71.39dB
THD = –81.26dB
SFDR = –93.71dB
Figure 15. Dynamic Performance, fSCL = 405 kHz
Without Clock Stretching, VDD = 5 V, Full-Scale Input,
Seven-Term Blackman-Harris Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com