Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices AD7991 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7991/AD7995/AD7999
Rev. 0 | Page 18 of 28
TYPICAL CONNECTION DIAGRAM
Figure 22 shows the typical connection diagram for the
AD7991/AD7995/AD7999.
The reference voltage can be taken from the supply voltage,
VDD. However, the AD7991/AD7995/AD7999 can be configured
to be a 3-channel device with the reference voltage applied to
the VIN3/VREF pin. In this case, a 1 μF decoupling capacitor on
the VIN3/VREF pin is recommended.
SDA and SCL form the 2-wire I2C compatible interface. External
pull-up resistors are required for both the SDA and SCL lines.
The AD7991-0/AD7995-0 and the AD7991-1/AD7995-1/
AD7999-1 support standard, fast, and high speed I2C interface
modes. Both the -0 and -1 devices have independent I2C addresses,
which allows the devices to connect to the same I2C bus without
contention issues.
The part requires approximately 0.6 μs to wake up from power-
down and to acquire the analog input. Once the acquisition
phase ends, the conversion phase starts and takes approximately
1 μs to complete. The AD7991/AD7995/AD7999 enters
shutdown mode after each conversion, which is useful in
applications where power consumption is a concern.
ANALOG INPUT
Figure 21 shows an equivalent circuit of the AD7991/AD7995/
AD7999 analog input structure. The two diodes, D1 and D2,
provide ESD protection for the analog inputs. Care must be taken
to ensure that the analog input signal does not exceed the supply
rails by more than 300 mV. If the signal does exceed this level,
the diodes become forward-biased and start conducting current
into the substrate. Each diode can conduct a maximum current
of 10 mA without causing irreversible damage to the part.
VIN
D1
VDD
D2
R1
C2
30pF
C1
4pF
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
Figure 21. Equivalent Analog Input Circuit
Capacitor C1 in Figure 21 is typically about 4 pF and can
primarily be attributed to pin capacitance. Resistor R1 is a
lumped component composed of the on resistance (RON) of
both a track-and-hold switch and the input multiplexer. The
total resistor is typically about 400 Ω. Capacitor C2, the ADC
sampling capacitor, has a typical capacitance of 30 pF.
VIN0
RP
RP
VDD
5V SUPPLY
10µF
0.1µF
MICROCONTROLLER/
MICROPROCESSOR
2-WIRE SERIAL
INTERFACE
GND
AD7991/
AD7995/
AD7999
SDA
SCL
VIN1
VIN2
VIN3/VREF
+
+
Figure 22. AD7991/AD7995/AD7999 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com