| Electronic Components Datasheet Search |
|
AD7991 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7991 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() AD7991/AD7995/AD7999 Rev. 0 | Page 20 of 28 INTERNAL REGISTER STRUCTURE CONFIGURATION REGISTER The configuration register is an 8-bit write-only register that is used to set the operating modes of the AD7991/AD7995/AD7999. The bit functions are outlined in Table 10. A single-byte write is necessary when writing to the configuration register. D7 is the MSB. When the master writes to the AD7991/AD7995/AD7999, the first byte is written to the configuration register. Table 9. Configuration Register Bit Map and Default Settings at Power-Up D7 D6 D5 D4 D3 D2 D1 D0 CH3 CH2 CH1 CH0 REF_SEL FLTR Bit trial delay Sample delay 1 1 1 1 0 0 0 0 Table 10. Bit Function Descriptions Bit Mnemonic Comment D7 to D4 CH3 to CH0 These four channel address bits select the analog input channel(s) to be converted. If a channel address bit (Bit D7 to Bit D4) is set to 1, a channel is selected for conversion. If more than one channel bit is set to 1, the AD7991/AD7995/AD7999 sequence through the selected channels, starting with the lowest channel. All unused channels should be set to 0. Table 11 shows how these four channel address bits are decoded. Prior to the device initiating a conversion, the channel(s) must be selected in the configuration register. D3 REF_SEL This bit allows the user to select the supply voltage as the reference or choose to use an external reference. If this bit is 0, the supply is used as the reference, and the device acts as a 4-channel input part. If this bit is set to 1, an external reference must be used and applied to the VIN3/VREF pin, and the device acts as a 3-channel input part. D2 FLTR The value written to this bit of the control register determines whether the filtering on SDA and SCL is enabled or bypassed. If this bit is set to 0, the filtering is enabled; if it set to 1, the filtering is bypassed. D1 Bit trial delay See the Sample Delay and Bit Trial Delay section. D0 Sample delay See the Sample Delay and Bit Trial Delay section. Table 11. Channel Selection D7 D6 D5 D4 Analog Input Channel1 0 0 0 0 No channel selected 0 0 0 1 Convert on VIN0 0 0 1 0 Convert on VIN1 0 0 1 1 Sequence between VIN0 and VIN1 0 1 0 0 Convert on VIN2 0 1 0 1 Sequence between VIN0 and VIN2 0 1 1 0 Sequence between VIN1 and VIN2 0 1 1 1 Sequence among VIN0, VIN1, and VIN2 1 0 0 0 Convert on VIN3 1 0 0 1 Sequence between VIN0 and VIN3 1 0 1 0 Sequence between VIN1 and VIN3 1 0 1 1 Sequence among VIN0, VIN1, and VIN3 1 1 0 0 Sequence between VIN2 and VIN3 1 1 0 1 Sequence among VIN0, VIN2, and VIN3 1 1 1 0 Sequence among VIN1, VIN2, and VIN3 1 1 1 1 Sequence among VIN0, VIN1, VIN2, and VIN3 1 The AD7991/AD7995/AD7999 converts on the selected channel in the sequence in ascending order, starting with the lowest channel in the sequence. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |