Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices AD7991 Datasheet HTML 22Page - Analog Devices AD7991 Datasheet HTML 23Page - Analog Devices AD7991 Datasheet HTML 24Page - Analog Devices AD7991 Datasheet HTML 25Page - Analog Devices AD7991 Datasheet HTML 26Page - Analog Devices AD7991 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7991/AD7995/AD7999
Rev. 0 | Page 23 of 28
WRITING TO THE AD7991/AD7995/AD7999
By default, each part operates in read-only mode and all four chan-
nels are selected as enabled in the configuration register. To write
to the AD7991/AD7995/AD7999 configuration register, the user
must first address the device.
The configuration register is an 8-bit register; therefore, only
one byte of data can be written to this register. However, writing
a single byte of data to this register consists of writing the serial
bus write address, followed by the data byte written (see Figure 24).
SCL
SDA
START BY
MASTER
ACK BY
ADC
R/W
FRAME 1
SERIAL BUS ADDRESS BYTE
CONFIGURATION REGISTER BYTE
ACK BY
ADC
STOP
1
0
0
0
0
A0
D7
D6D5D4
D3
D2D1
D0
11
99
1
Figure 24. Writing to the AD7991/AD7995/AD7999 Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com