Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices AD7991 Datasheet HTML 22Page - Analog Devices AD7991 Datasheet HTML 23Page - Analog Devices AD7991 Datasheet HTML 24Page - Analog Devices AD7991 Datasheet HTML 25Page - Analog Devices AD7991 Datasheet HTML 26Page - Analog Devices AD7991 Datasheet HTML 27Page - Analog Devices AD7991 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7991/AD7995/AD7999
Rev. 0 | Page 24 of 28
READING FROM THE AD7991/AD7995/AD7999
Reading data from the conversion result register is a 2-byte
operation, as shown in Figure 25. Therefore, a read operation
always involves two bytes.
After the AD7991/AD7995/AD7999 have received a read
address, any number of reads can be performed from the
conversion result register.
Following a start condition, the master writes the 7-bit address
of the AD7991/AD7995/AD7999 and then sets R/W to 1. The
AD7991/AD7995/AD7999 acknowledge this by pulling the
SDA line low. They then output the conversion result over the
I2C bus, preceded by four status bits. The status bits are two
leading 0s followed by the channel identifier bits. For the
AD7995 there are two trailing 0s, and for the AD7999 there are
four trailing 0s.
After the master has addressed the AD7991/AD7995/AD7999,
the part begins to power up on the ninth SCLK rising edge. At
the same time, the acquisition phase begins. When approximately
0.6 μs have elapsed, the acquisition phase ends. The input is
sampled and a conversion begins. This is done in parallel to the
read operation and should not affect the read operation. The
master reads back two bytes of data. On the ninth SCLK rising
edge of the second byte, if the master sends an ACK, it keeps
reading conversion results and the AD7991/AD7995/AD7999
powers up and performs a second conversion. If the master sends
a NO ACK, the AD7991/AD7995/AD7999 does not power up
on the ninth SCLK rising edge of the second byte. If a further
conversion is required, the part converts on the next channel, as
selected in the configuration register. See Table 11 for information
about the channel selection.
If the master sends a NO ACK on the ninth SCLK rising edge of
the second byte, the conversion is finished and no further
conversion is preformed.
To put the part into full shutdown mode, the user should issue a
stop condition to the AD7991/AD7995/AD7999. If the AD7991/
AD7995/AD7999 is not put into full shutdown mode, it will draw
a few tens of microamperes from the supply.
SDA
11
9
9
D10
D9
D8
A0
1
00
0
0
0
0
SCL
1
D11
1
D7
D6
D5
D2
D1
D0
D4
D3
SCL (CONTINUED)
SDA (CONTINUED)
CHID1 CHID0
R/W
9
START BY
MASTER
ACK BY
ADC
NO ACK BY
MASTER
ACK BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM ADC
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM ADC
Figure 25. Reading Two Bytes of Data from the AD7991Conversion Result Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com