Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XCL219
Description  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XCL219 Datasheet HTML 2Page - Torex Semiconductor XCL219 Datasheet HTML 3Page - Torex Semiconductor XCL219 Datasheet HTML 4Page - Torex Semiconductor XCL219 Datasheet HTML 5Page - Torex Semiconductor XCL219 Datasheet HTML 6Page - Torex Semiconductor XCL219 Datasheet HTML 7Page - Torex Semiconductor XCL219 Datasheet HTML 8Page - Torex Semiconductor XCL219 Datasheet HTML 9Page - Torex Semiconductor XCL219 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
XCL219/XCL220 Series
■TEST CIRCUITS
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
1μF
A
< Circuit No.① >
< Circuit No.② >
< Circuit No.③ >
< Circuit No.④ >
< Circuit No.⑤ >
< Circuit No.⑦ >
L1
L2
VIN
Lx
VOUT
CE
AGND
1μF
Wave Form Measure Point
RPulldown
 200Ω
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
1μF
V
ILX
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
1μF
A
A
ICEH
ICEL
ILeakH
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
1μF
A
IVOUT
< Circuit No.⑥ >
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
CIN
CL
A
V
L
Wave Form Measure Point
※External Components
 L:1.0μH(Selected goods)
 CIN:4.7μF(Ceramic)
  CL:10μF(Ceramic)
RL
RLXH=(VIN-VL)/ILX
RLXL=VLX/ILX
L1
L2
PGND
VIN
Lx
VOUT
CE
AGND
1μF
Wave Form Measure Point
ILIMH
V
ILeakL
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com