Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XCL219
Description  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XCL219 Datasheet HTML 6Page - Torex Semiconductor XCL219 Datasheet HTML 7Page - Torex Semiconductor XCL219 Datasheet HTML 8Page - Torex Semiconductor XCL219 Datasheet HTML 9Page - Torex Semiconductor XCL219 Datasheet HTML 10Page - Torex Semiconductor XCL219 Datasheet HTML 11Page - Torex Semiconductor XCL219 Datasheet HTML 12Page - Torex Semiconductor XCL219 Datasheet HTML 13Page - Torex Semiconductor XCL219 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/20
XCL219/XCL220 Series
■NOTE ON USE
1. For the phenomenon of temporal and transitional voltage decrease or voltage increase, the IC may be damaged or
deteriorated if IC is used beyond the absolute MAX. specifications.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3. The DC/DC converter characteristics depend greatly on the externally connected components as well as on the
characteristics of this IC, so refer to the specifications and standard circuit examples of each component when carefully
considering which components to select. Be especially careful of the capacitor characteristics and use B characteristics (JIS
standard) or X7R, X5R (EIA standard) ceramic capacitors.
4. Sufficiently reinforce the ground wiring. In particular, reinforce near the PGND and AGND pin as fluctuations of the ground
phase due to the ground current during switching may cause the operation of the IC to become unstable.
5. Mount external components as close as possible to the IC. Keep the wiring short and thick to lower the wiring impedance.
6. A feature of HiSAT-COT control is that it controls the off time in order to control the duty, which varies due to the effects of
power loss between the input (VIN pin) and output (VOUT pin) due to the load, and thus the switching frequency fluctuates. In
addition, changes in the on time due to 100% duty cycle mode are allowed. For this reason, caution must be exercised as the
characteristics of the switching frequency will vary depending on the external component characteristics, board layout, input
voltage, output voltage, load current and other parameters.
7. Due to propagation delay inside the product, the on time generated by the minimum on time generation circuit may not be the
same as the on time that is the ratio of the input voltage to the output voltage.
8. With regard to the current limiting value, the actual coil current may at times exceed the electrical characteristics due to
propagation delay inside the product.
9. The CE pin is a CMOS input pin. Do not use with the pin open. If connecting to the input or ground, use a resistor up to
1MΩ.
To prevent malfunctioning of the device connected to this product or the input/output due to short circuiting between pins, it is
recommended that a resistor be connected.
10. If the output voltage drops below the short circuit protection threshold voltage at the end of the soft start interval, operation will stop.
11. PWM/PFM auto switching control is a discontinuous conduction mode when the load is light, and in cases where the voltage
difference between input and output is low or the coil inductance is higher than the value indicated in the standard circuit
example, the coil current may reverse when the load is light, and thus pulse skipping will not be possible and light load
efficiency will worsen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com