Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL219
Description  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL219 Datasheet HTML 1Page - Torex Semiconductor XCL219 Datasheet HTML 2Page - Torex Semiconductor XCL219 Datasheet HTML 3Page - Torex Semiconductor XCL219 Datasheet HTML 4Page - Torex Semiconductor XCL219 Datasheet HTML 5Page - Torex Semiconductor XCL219 Datasheet HTML 6Page - Torex Semiconductor XCL219 Datasheet HTML 7Page - Torex Semiconductor XCL219 Datasheet HTML 8Page - Torex Semiconductor XCL219 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
XCL219/XCL220
Series
■ELECTRICAL CHARACTERISTICS
●SPEC Table (VOUT, tONmin)
NOMINAL
OUTPUT
VOLTAGE
VOUT
tONmin
NOMINAL
OUTPUT
VOLTAGE
VOUT
tONmin
fOSC=3.0MHz
fOSC=3.0MHz
<E-1>
<E-2>
<E-3>
<C-1>
<E-5>
<E-6>
<E-7>
<E-1>
<E-2>
<E-3>
<C-1>
<E-5>
<E-6>
<E-7>
VOUT(T)
MIN.
TYP.
MAX.
VIN
MIN.
TYP.
MAX.
VOUT(T)
MIN.
TYP.
MAX.
VIN
MIN.
TYP.
MAX.
0.80
0.784
0.800
0.816
2.70
71
119
166
2.25
2.205
2.250
2.295
3.75
140
200
260
0.85
0.833
0.850
0.867
2.70
72
121
169
2.30
2.254
2.300
2.346
3.83
140
200
260
0.90
0.882
0.900
0.918
2.70
73
122
171
2.35
2.303
2.350
2.397
3.92
140
200
260
0.95
0.931
0.950
0.969
2.70
74
123
172
2.40
2.352
2.400
2.448
4.00
140
200
260
1.00
0.980
1.000
1.020
2.70
86
123
160
2.45
2.401
2.450
2.499
4.08
140
200
260
1.05
1.029
1.050
1.071
2.70
91
130
169
2.50
2.450
2.500
2.550
4.17
140
200
260
1.10
1.078
1.100
1.122
2.70
95
136
177
2.55
2.499
2.550
2.601
4.25
140
200
260
1.15
1.127
1.150
1.173
2.70
99
142
185
2.60
2.548
2.600
2.652
4.33
140
200
260
1.20
1.176
1.200
1.224
2.70
104
148
193
2.65
2.597
2.650
2.703
4.42
140
200
260
1.25
1.225
1.250
1.275
2.70
108
154
201
2.70
2.646
2.700
2.754
4.50
140
200
260
1.30
1.274
1.300
1.326
2.70
112
160
209
2.75
2.695
2.750
2.805
4.58
140
200
260
1.35
1.323
1.350
1.377
2.70
117
167
217
2.80
2.744
2.800
2.856
4.67
140
200
260
1.40
1.372
1.400
1.428
2.70
121
173
225
2.85
2.793
2.850
2.907
4.75
140
200
260
1.45
1.421
1.450
1.479
2.70
125
179
233
2.90
2.842
2.900
2.958
4.83
140
200
260
1.50
1.470
1.500
1.530
2.70
130
185
241
2.95
2.891
2.950
3.009
4.92
140
200
260
1.55
1.519
1.550
1.581
2.70
134
191
249
3.00
2.940
3.000
3.060
5.00
140
200
260
1.60
1.568
1.600
1.632
2.70
138
198
257
3.05
2.989
3.050
3.111
5.08
140
200
260
1.65
1.617
1.650
1.683
2.75
140
200
260
3.10
3.038
3.100
3.162
5.17
140
200
260
1.70
1.666
1.700
1.734
2.83
140
200
260
3.15
3.087
3.150
3.213
5.25
140
200
260
1.75
1.715
1.750
1.785
2.92
140
200
260
3.20
3.136
3.200
3.264
5.33
140
200
260
1.80
1.764
1.800
1.836
3.00
140
200
260
3.25
3.185
3.250
3.315
5.42
140
200
260
1.85
1.813
1.850
1.887
3.08
140
200
260
3.30
3.234
3.300
3.366
5.50
140
200
260
1.90
1.862
1.900
1.938
3.17
140
200
260
3.35
3.283
3.350
3.417
5.50
142
203
264
1.95
1.911
1.950
1.989
3.25
140
200
260
3.40
3.332
3.400
3.468
5.50
144
206
268
2.00
1.960
2.000
2.040
3.33
140
200
260
3.45
3.381
3.450
3.519
5.50
146
209
272
2.05
2.009
2.050
2.091
3.42
140
200
260
3.50
3.430
3.500
3.570
5.50
148
212
276
2.10
2.058
2.100
2.142
3.50
140
200
260
3.55
3.479
3.550
3.621
5.50
151
215
280
2.15
2.107
2.150
2.193
3.58
140
200
260
3.60
3.528
3.600
3.672
5.50
153
218
284
2.20
2.156
2.200
2.244
3.67
140
200
260
■TYPICAL CIRCUIT
VALUE
PRODUCT NUMBER
CIN
10V/4.7μF
LMK105BBJ475MVLF(Taiyo Yuden)
LMK107BJ475KA (TaiyoYuden)
C1608X5R1A475K (TDK)
C2012X7R1A475M(TDK)
CL
10V/10μF
(*1)
LMK105CBJ106MVLF(Taiyo Yuden)
LMK107BBJ106MALT (TaiyoYuden)
C1608X5R1A106K (TDK)
C2012X7R1A106M(TDK)
NOTE:
The integrated Inductor can be used only for this DC/DC
converter. Please do not use this inductor for other
reasons.
1.0A
CIN
4.7μF
CL
10μF
7
8
1
2
3
4
5
6
PGND
VIN
Lx
CE
VOUT
AGND
(*1)Use CL = 20uF or more when V
IN-VOUT (T) <1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com