Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCL219
Description  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCL219 Datasheet HTML 1Page - Torex Semiconductor XCL219 Datasheet HTML 2Page - Torex Semiconductor XCL219 Datasheet HTML 3Page - Torex Semiconductor XCL219 Datasheet HTML 4Page - Torex Semiconductor XCL219 Datasheet HTML 5Page - Torex Semiconductor XCL219 Datasheet HTML 6Page - Torex Semiconductor XCL219 Datasheet HTML 7Page - Torex Semiconductor XCL219 Datasheet HTML 8Page - Torex Semiconductor XCL219 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
XCL219/XCL220 Series
■ELECTRICAL CHARACTERISTICS
●XCL219BxxxFR-G/XCL220BxxxFR-G
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT
When connected to external conponets,
IOUT =30mA
<E-1>
<E-2>
<E-3>
V
①
Operating Voltage Range
VIN
2.5
-
5.5
V
①
Maximum Output Current
IOUTMAX
When connected to external components,
VIN =<C-1>
1000
-
-
mA
①
UVLO Voltage (*2)
VUVLO
Vout=0.6V,
Voltage which Lx pin holding ”L” level (*6)
1.35
2.00
2.48
V
③
Quiescent Current
(XCL220)
Iq
VOUT =VOUT(E) ×1.1V
-
25
40
μA
②
Quiescent Current
(XCL219)
Iq
VOUT =VOUT(E) ×1.1V
-
400
825
μA
②
Stand-by Current
ISTB
VCE =0V
-
0.0
1.0
μA
②
Minimum ON time (*2)
tONmin
When connected to external components,
VIN =VCE=<C-1>, IOUT=1mA
<E-5>
<E-6>
<E-7>
ns
①
Thermal Shutdown
TTSD
-
150
-
℃
①
Thermal shutdown
Hysteresis
THYS
-
30
-
℃
①
LxSW ”H” ON
Resistance
RLXH
VOUT=0.6V, ILX=100mA
(*3)
-
0.24
0.37
Ω
④
LxSW ”L” ON
Resistance (*4)
RLXL
VOUT=VOUT(T) × 1.1V, ILX=100mA
(*3)
-
0.16
0.30
Ω
④
LxSW ”H” Leakage
Current
ILeakH
VIN=5.5V, VCE=0V, VOUT=0V, VLX=5.5V
-
0.0
30.0
μA
⑤
LxSW ”L” Leakage
Current
ILeakL
VIN=5.5V, VCE=0V, VOUT=0V, VLX=0V
-
0.0
1.0
μA
⑤
Current Limit (*5)
ILIMH
VOUT=0.6V, ILx until Lx pin oscillates
1.3
1.5
2.5
A
⑥
Output Voltage
Temperature
Characteristics
ΔVOUT/
(VOUT・Δtopr)
IOUT=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm/℃
①
CE”H” Voltage
VCEH
VOUT=0.6V, Applied voltage to VCE,
Voltage changes Lx to “H” level (*6)
1.4
-
5.5
V
③
CE”L” Voltage
VCEL
VFB=0.6V, Applied voltage to VCE,
Voltage changes Lx to “L” level (*6)
AGND
-
0.3
V
③
CE”H” Current
ICEH
VIN=5.5V, VCE=5.5V, VOUT=0V
-0.1
-
0.1
μA
⑤
CE”L” Current
ICEL
VIN=5.5V, VCE=0V, VOUT=0V
-0.1
-
0.1
μA
⑤
Soft-start Time
tSS
VCE=0V→5.0V, VOUT=VOUT(T)V × 0.9
After "H" is fed to CE, the time by
when clocks are generated at Lx pin.
0.10
0.30
0.50
ms
③
Short Protection
Threshold Voltage
VSHORT
Sweeping VOUT, VOUT voltage which Lx
becomes “L” level (*6)
0.17
0.27
0.37
V
③
CL Discharge
RDCHG
VCE=0V, VOUT=4.0V
50
210
300
Ω
⑦
Inductance
L
Test Freq.=1MHz
-
1.0
-
μH
-
Inductor Rated Current
IDC
ΔT=+40deg
-
1.3
-
A
-
Unless otherwise stated, VIN=5.0V, VCE=5.0V, VOUT(T)=Nominal Voltage
NOTE:
(*1) When the difference between the input and the output is small, 100% duty might come up and internal control circuits keep P-ch driver
turning on even though the output current is not so large.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
(*2) Including UVLO detect voltage, hysteresis operating voltage range for UVLO release voltage.
(*3) RLXH=(VIN - Lx pin measurement voltage) / 100mA, RLXL=Lx pin measurement voltage / 100mA
(*4) Design value for the XCL220 series
(*5) Current limit denotes the level of detection at peak of coil current.
(*6) "H"
=VIN~VIN - 1.2V, "L"=- 0.1V~+ 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com