Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 24Page - NXP Semiconductors LPC3230 Datasheet HTML 25Page - NXP Semiconductors LPC3230 Datasheet HTML 26Page - NXP Semiconductors LPC3230 Datasheet HTML 27Page - NXP Semiconductors LPC3230 Datasheet HTML 28Page - NXP Semiconductors LPC3230 Datasheet HTML 29Page - NXP Semiconductors LPC3230 Datasheet HTML 30Page - NXP Semiconductors LPC3230 Datasheet HTML 31Page - NXP Semiconductors LPC3230 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
28 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.4 Internal memory
7.4.1 On-chip ROM
The built-in 16 kB ROM contains a program which runs a boot procedure to load code
from one of four external sources, UART 5, SSP0 (SPI mode), EMC Static CS0 memory,
or NAND FLASH.
After reset, execution always begins from the internal ROM. The bootstrap software first
reads the SERVICE input (GPI_1). If SERVICE is LOW, the bootstrap starts a service boot
and can download a program over serial link UART 5 to IRAM and transfer execution to
the downloaded code.
If the SERVICE pin is HIGH, the bootstrap routine jumps to normal boot. The normal boot
process first tests SPI memory for boot information if present it uploads the boot code and
transfers execution to the uploaded software. If the SPI is not present or no software is
loaded, the bootloader will test the EMC Static CS0 memory for the presence of boot code
and if present boots from static memory, If this test fails the boot loader will test external
NAND flash for boot code and boot if code is present.
The boot loader consumes no user memory space because it is in ROM.
7.4.2 On-chip SRAM
On-chip SRAM may be used for code and/or data storage. The SRAM may be accessed
as 8, 16, or 32 bit memory. The LPC3220/30/40/50 provides 256 kB of internal SRAM.
7.5 External memory interfaces
The LPC3220/30/40/50 includes three external memory interfaces, NAND Flash
controllers, Secure Digital Memory Controller, and an external memory controller for
SDRAM, DDR SDRAM, and Static Memory devices.
7.5.1 NAND flash controllers
The LPC3220/30/40/50 includes two NAND flash controllers, one for multi-level cell
NAND flash devices and one for single-level cell NAND flash devices. The two NAND
flash controllers use the same pins to interface to external NAND flash devices, so only
one interface is active at a time.
7.5.1.1
Multi-Level Cell (MLC) NAND flash controller
The MLC NAND flash controller interfaces to either multi-level or single-level NAND flash
devices. An external NAND flash device is used to allow the bootloader to automatically
load a portion of the application code into internal SRAM for execution following reset.
The MLC NAND flash controller supports small (528 byte) and large (2114 byte) pages.
Programmable NAND timing parameters allow support for a variety of NAND flash
devices. A built-in Reed-Solomon encoder/decoder provides error detection and
correction capability. A 528 byte data buffer reduces the need for CPU supervision during
loading. The MLC NAND flash controller also provides DMA support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com