Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 59Page - NXP Semiconductors LPC3230 Datasheet HTML 60Page - NXP Semiconductors LPC3230 Datasheet HTML 61Page - NXP Semiconductors LPC3230 Datasheet HTML 62Page - NXP Semiconductors LPC3230 Datasheet HTML 63Page - NXP Semiconductors LPC3230 Datasheet HTML 64Page - NXP Semiconductors LPC3230 Datasheet HTML 65Page - NXP Semiconductors LPC3230 Datasheet HTML 66Page - NXP Semiconductors LPC3230 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
63 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.5 USB controller
[1]
Parameters are valid over operating temperature range unless otherwise specified.
11.6 Secure Digital (SD) card interface
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
Table 15.
Dynamic characteristics USB digital I/O pins
VDD(IO) = 3.3 V; Tamb = 40 C to +85 C, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tTIO
bus turnaround time (I/O)
OE_N/INT_N to DAT/VP and SE0/VM
-
7
-
ns
tTOI
bus turnaround time (O/I)
OE_N/INT_N to DAT/VP and SE0/VM
-
0
-
ns
Fig 13. USB bus turnaround time
002aae440
USB_DAT_VP
tTIO
tTOI
USB_OE_TP
USB_SE0_VM
input
output
input
Table 16.
Dynamic characteristics: SD card pin interface
Tamb = 40 C to +85 C for industrial applications; VDD(IO) over specified ranges.[1]
Symbol Parameter
Conditions
Min
Typ[2]
Max
Unit
Tcy(clk)
clock cycle time
on pin MS_SCLK; Data transfer mode
-
-
25
MHz
on pin MS_SCLK; Identification mode
-
-
400
kHz
tsu(D)
data input set-up time
on pins MS_BS, MS_DIO[3:0] as inputs
-
2.7
-
ns
th(D)
data input hold time
on pins MS_BS, MS_DIO[3:0] as inputs
-
0
-
ns
td(QV)
data output valid delay time
on pins MS_BS, MS_DIO[3:0] as outputs
-
9.7
-
ns
th(Q)
data output hold time
on pins MS_BS, MS_DIO[3:0] as outputs
-
7.7
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com