Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 40Page - NXP Semiconductors LPC3230 Datasheet HTML 41Page - NXP Semiconductors LPC3230 Datasheet HTML 42Page - NXP Semiconductors LPC3230 Datasheet HTML 43Page - NXP Semiconductors LPC3230 Datasheet HTML 44Page - NXP Semiconductors LPC3230 Datasheet HTML 45Page - NXP Semiconductors LPC3230 Datasheet HTML 46Page - NXP Semiconductors LPC3230 Datasheet HTML 47Page - NXP Semiconductors LPC3230 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
44 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
• 32-bit pulse-width (match) register
• 10-bit dead-time register and an associated 10-bit dead-time counter
• 32-bit capture register
• Two PWM (match) outputs (pins MCOA0/1/2 and MCOB0/1/2) with opposite polarities
• Period interrupt, pulse-width interrupt, and capture interrupt
8.
Basic architecture
The LPC3220/30/40/50 is a general purpose ARM926EJ-S 32-bit microprocessor with a
32 kB instruction cache and a 32 kB data cache. The microcontroller offers high
performance and very low power consumption. The ARM architecture is based on RISC
principles, which results in the instruction set and related decode mechanism being much
simpler than equivalent micro programmed CISCs. This simplicity results in a high
instruction throughput and impressive real-time interrupt response from a small and
cost-effective processor core.
The ARM926EJ-S core employs a 5-stage pipeline so processing and memory system
accesses can occur continuously. At any one point in time, several operations are in
progress: subsequent instruction fetch, next instruction decode, instruction execution,
memory access, and write-back. The combination of architectural enhancements gives
the ARM9 about 30 % better performance than an ARM7 running at the same clock rate:
• Approximately 1.3 clocks per instruction for the ARM926EJ-S compared to 1.9 clocks
per instruction for ARM7TDMI.
• Approximately 1.1 Dhrystone MIPS/MHz for the ARM926EJ-S compared to 0.9
Dhrystone MIPS/MHz for ARM7TDMI.
The ARM926EJ-S processor also employs an operational state known as Thumb, which
makes it ideally suited to high-volume applications with memory restrictions, or
applications where code density is an issue.
The key idea behind Thumb state is the use of a super-reduced instruction set.
Essentially, the ARM926EJ-S processor core has two instruction sets:
1. The standard 32-bit ARM set
2. The 16-bit Thumb set
The Thumb set’s smaller 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining many of ARM’s 32-bit performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates using the same 32-bit register set as ARM code. Thumb code size is up to 65 %
smaller than ARM code size, and 160 % of the performance of an equivalent ARM
processor connected to a 16-bit memory system. Additionally, the ARM926EJ-S core
includes enhanced DSP instructions and multiplier, as well as an enhanced 32-bit MAC
block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com