Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC3230 Datasheet HTML 1Page - NXP Semiconductors LPC3230 Datasheet HTML 2Page - NXP Semiconductors LPC3230 Datasheet HTML 3Page - NXP Semiconductors LPC3230 Datasheet HTML 4Page - NXP Semiconductors LPC3230 Datasheet HTML 5Page - NXP Semiconductors LPC3230 Datasheet HTML 6Page - NXP Semiconductors LPC3230 Datasheet HTML 7Page - NXP Semiconductors LPC3230 Datasheet HTML 8Page - NXP Semiconductors LPC3230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
5 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
5.
Block diagram
Fig 1.
Block diagram of LPC3220/30/40/50
ARM
9EJS
D-CACHE
32 kB
I-CACHE
32 kB
DATA
INSTRUCTION
ethernet
PHY
interface
USB
transceiver
interface
LCD
panel
interface
EXTERNAL
MEMORY
CONTROLLER
ROM
16 kB
SRAM
256 kB
USB
DMA
ETB
SDRAM
STANDARD
UART
× 4
I2C
× 2
TIMERS
× 6
WATCHDOG
TIMER
DEBUG
SYSTEM
CONTROL
HS UART
× 3
KEY
SCANNER
10-BIT
ADC/TS
UART
CONTROL
RTC
PWM
× 2
GPIO
M1
M0
AHB
TO
APB
BRIDGE
AHB
TO
APB
BRIDGE
AHB
TO
APB
BRIDGE
master layer
01
2
3
4
5
6
slave port
0
1
7
6
5
3
2
= Master/Slave connection supported
by the multilayer AHB matrix
32-bit AHB matrix
APB slaves
FAB slaves
AHB slaves
APB slaves
port 3
port 4
port 0
32-bit wide
external
memory
ETB
ETM 9
VFP9
LCD
ETHERNET
MOTOR
CONTROL PWM
002aae397
MMU
D-SIDE
CONTROLLER
I-SIDE
CONTROLLER
DMA
CONTROLLER
ETHERNET
10/100
MAC
USB OTG
CONTROLLER
LCD
CONTROLLER
MLC
NAND
SLC
NAND
SD
CARD
SPI
× 2
I2S
× 2
SSP
× 2
INTERRUPT
CONTROL
register interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com