Electronic Components Datasheet Search
  English  ▼

X  

LPC3230 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC3230
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 53Page - NXP Semiconductors LPC3230 Datasheet HTML 54Page - NXP Semiconductors LPC3230 Datasheet HTML 55Page - NXP Semiconductors LPC3230 Datasheet HTML 56Page - NXP Semiconductors LPC3230 Datasheet HTML 57Page - NXP Semiconductors LPC3230 Datasheet HTML 58Page - NXP Semiconductors LPC3230 Datasheet HTML 59Page - NXP Semiconductors LPC3230 Datasheet HTML 60Page - NXP Semiconductors LPC3230 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
57 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11. Dynamic characteristics
11.1 Clocking and I/O port pins
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
After supply voltages are stable
[3]
Supplied by an external crystal.
11.2 Static memory controller
Table 11.
Dynamic characteristics
Tamb = 40 C to +85 C, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Reset
tw(RESET)ext
external RESET pulse width
[2] 10
-
-
ms
External clock
fext
external clock frequency
[3] 113
20
MHz
Port pins
tr
rise time
-
5
-
ns
tf
fall time
-
5
-
ns
Table 12.
Dynamic characteristics: static external memory interface
CL =25 pF, Tamb =20 C, VDD(EMC) = 1.8 V, 2.5 V, or 3.3 V.
Symbol
Parameter
Notes Min
Typ
Max
Unit
Common to read and write cycles
TCLCL
clock cycle time
[1] 7.5
9.6
-
ns
tCSLAV
CS LOW to address valid time
-
0
-
ns
Read cycle parameters
tOELAV
OE LOW to address valid time
[2] -0
 WAITOEN  T
CLCL
-ns
tBLSLAV
BLS LOW to address valid time
[2] -0
 WAITOEN  T
CLCL
-ns
tCSLOEL
CS LOW to OE LOW time
-
0 + WAITOEN
 T
CLCL
-ns
tCSLBLSL
CS LOW to BLS LOW time
[2] -
0 + WAITOEN
 T
CLCL
-ns
tOELOEH
OE LOW to OE HIGH time
[2][3] -(WAITRD
 WAITOEN + 1)  T
CLCL
-ns
tBLSLBLSH
BLS LOW to BLS HIGH time
[2][3] -(WAITRD
 WAITOEN + 1)  T
CLCL
-ns
tsu(DQ)
data input/output set-up time
[6] -8.4
-
ns
th(DQ)
data input/output hold time
[6] -0
-
ns
tCSHOEH
CS HIGH to OE HIGH time
-
0
-
ns
tCSHBLSH
CS HIGH to BLS HIGH time
-
0
-
ns
tOEHANV
OE HIGH to address invalid time
-
1
 T
CLCL
-ns
tBLSHANV
BLS HIGH to address invalid time
-
1
 T
CLCL
-ns
Write cycle parameters
tCSLDV
CS LOW to data valid time
-
0
-
ns
tCSLWEL
CS LOW to WE LOW time
[4] -(WAITWEN + 1)
 T
CLCL
-ns
tCSLBLSL
CS LOW to BLS LOW time
[4] -(WAITWEN + 1)
 T
CLCL
-ns
tWELDV
WE LOW to data valid time
[4] -0
 (WAITWEN + 1)  T
CLCL
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com