Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD752
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752 Datasheet(HTML) 5 Page - Texas Instruments

  ESD752 Datasheet HTML 1Page - Texas Instruments ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5.5 Electrical Characteristics
over TA = 25°C (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
PACKAGE
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
All Packages
–24
24
V
VBRF
Forward breakdown voltage(2)
IIO = 10mA, IO to GND
All Packages
25.5
35.5
V
VBRR
Reverse breakdown voltage(2)
IIO = –10mA, IO to GND
All Packages
–35.5
–25.5
V
VCLAMP
Clamping voltage(3)
IPP = MAX, tp = 8/20µs, IO to GND
All Packages
37
V
Clamping voltage(4)
IPP = 16A, TLP, IO to GND or GND to IO
SOT-23 &
SC-70
35
V
DFN1110-3
38
V
ILEAK
Leakage current
VIO = ±24V, IO to GND
All Packages
-50
5
50
nA
RDYN
Dynamic resistance(4)
IO to GND and GND to IO
SOT-23 &
SC-70
0.35
Ω
DFN1110-3
0.43
Ω
CL
Line capacitance(5)
VIO = 0V, f = 1MHz, Vpp = 30mV
All Packages
3
5
pF
(1)
Measurements made on each IO channel.
(2)
VBRF and VBRR are defined as the voltage when +/- 10mA is applied in the positive or negative direction respectively, before the device latches into the snapback state.
(3)
Device stressed with 8/20μs exponential decay waveform according to IEC 61000-4-5.
(4)
Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008
(5)
Measured from IO to GND on each channel.
www.ti.com
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com