Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD752
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5.6 Typical Characteristics
Time (ns)
-30
0
30
60
90
120
150
180
210
-30
0
30
60
90
120
150
180
210
240
Figure 5-1. +8kV Clamped IEC Waveform (DXA)
Time (nA)
-50 -25
0
25
50
75
100 125 150 175 200 225
-275
-250
-225
-200
-175
-150
-125
-100
-75
-50
-25
0
25
Figure 5-2. -8kV Clamped IEC Waveform (DXA)
Voltage (V)
0
5
10
15
20
25
30
35
40
45
-3
0
3
6
9
12
15
18
21
24
27
30
Figure 5-3. Positive TLP Curve (DXA)
Voltage (V)
0
5
10
15
20
25
30
35
40
45
-3
0
3
6
9
12
15
18
21
24
27
30
Figure 5-4. Negative TLP Curve (DXA)
Voltage (V)
-40
-30
-20
-10
0
10
20
30
40
-0.00225
-0.00175
-0.00125
-0.00075
-0.00025
0.00025
0.00075
0.00125
0.00175
0.00225
Vtrigger
Vhold
Vtrigger
Vhold
Figure 5-5. DC I-V Curve (DXA)
Bias Voltage (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Figure 5-6. Bias Voltage vs Capacitance (DXA)
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com