Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 7 Page - Texas Instruments

Part # ESD752
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5.6 Typical Characteristics (continued)
Te mperature (°C)
-60
-30
0
30
60
90
120
150
0
4
8
12
16
20
Figure 5-7. Leakage Current vs Temperature (DXA)
Figure 5-8. 8/20µs Surge Response (DXA)
Time(ns)
-100
0
100
200
300
400
500
600
700
-25
0
25
50
75
100
125
150
Vclamp_ESD at 30ns = 28V
Figure 5-9. +8kV Clamped IEC Waveform (DBZ/DCK)
Time(ns)
-100
0
100
200
300
400
500
600
700
-175
-150
-125
-100
-75
-50
-25
0
25
Vclamp_ESD at 30ns = -32.9V
Figure 5-10. -8kV Clamped IEC Waveform (DBZ/DCK)
Vclamp (V)
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
tp = 100 ns, Transmission Line Pulse (TLP)
Figure 5-11. Positive TLP Curve (DBZ/DCK)
Vclamp (V)
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
tp = 100 ns, Transmission Line Pulse (TLP)
Figure 5-12. Negative TLP Curve (DBZ/DCK)
www.ti.com
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com