Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 10 Page - Texas Instruments

Part # ESD752
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments ESD752 Datasheet HTML 13Page - Texas Instruments ESD752 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.2.1 Detailed Design Procedure
The ESD752 has a VRWM of ±24V to protect the diode from being damaged during a short to battery event
that can occur by reversing the terminal connections during jumpstart. The bidirectional characteristic enables
signal integrity across positive and negative signal inputs, as well as accounts for any line faults or miswiring.
The low capacitance of 3pF (typical) enables data rates up to 20Mbps, which allows the designer to meet
the requirements for CAN, CANFD, CAN SiC, and CAN-XL. The clamping voltage of this device can protect
CAN transceivers with an absolute maximum rating of 58V up to the IEC61000-4-2 Level 4 standard. The 60Ω
split termination improves the electromagnetic emissions behavior of the network by filtering higher-frequency
common-mode noise that may be present on the differential signal lines.
For additional information, please see the CAN Bus ESD Protection Application Note linked in the
Documentation Support section below.
7 Layout
7.1 Layout Guidelines
• The optimum placement of the device is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
• If pin 3 is connected to ground, use a thick and short trace for this return path.
7.2 Layout Example
This example is typical of a dual channel differential data pair application, such as CAN.
IO2
= VIA to GND
IO1
GND
Figure 7-1. Routing with DXA Package
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com