Electronic Components Datasheet Search
  English  ▼

X  

WS1850 Datasheet(PDF) 3 Page - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850
Description  13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.

WS1850 Datasheet(HTML) 3 Page - WiseSun Intelligence Technology Co. Ltd.

  WS1850 Datasheet HTML 1Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 2Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 3Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 4Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 5Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 6Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 7Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 8Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 9Page - WiseSun Intelligence Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
深圳前海维晟智能技术有限公司
Shenzhen Qianhai WiseSun Intelligence Technology Co. Ltd.
WS1850S
Jun. 2018
Preliminary Rev 1.1
第3页,共9页
1.2 管脚描述
序号
名称
类型
描述
1
I
2C
I
I
2C接口使能,高电平有效
2
PVDD
PWR
管脚电源
3
DVDD
PWR
数字电源
4
DVSS
PWR
数字地
5
PVSS
PWR
管脚电源地
6
NRSTPD
I
复位引脚,低电平复位
7
MFIN
I
MF信号输入
8
MFOUT
O
MF信号输出
9
SVDD
PWR
MFIN和MFOUT 的电源
10
TVSS
PWR
发射器的地
11
TX1
O
发射器1,输出调制的13.56MHz 的能量载波信号
12
TVDD
PWR
发射器电源
13
TX2
O
发射器2,输出调制的13.56MHz 的能量载波信号
14
TVSS
PWR
发射器地
15
AVDD
PWR
模拟电源
16
VMID
PWR
内部参考电压
17
RX
I
RF信号输入
18
AVSS
PWR
模拟地
19
AUX1
O
测试管脚
20
AUX2
O
测试管脚
21
OSCIN
I
外接27.12MHz晶体,也可接外部时钟信号
22
OSCOUT
O
外接27.12MHz晶体
23
IRQ
O
中断信号管脚,输出中断信号。
24
SDA/NSS/RX
I/O
数字通信接口 / I
2C的SDA / SPI从片的片选 / UART
的RX。与选择的通讯方式有关。
25
D1
I/O
并口通讯接口 / I
2C从片地址选择位 ADDR_0
26
D2
I/O
并口通讯接口 / I
2C从片地址选择位 ADDR_1
27
D3
I/O
并口通讯接口 / I
2C从片地址选择位 ADDR_2
28
D4
I/O
并口通讯接口 / I
2C从片地址选择位 ADDR_3
表1 WS1850S管脚描述



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com