Electronic Components Datasheet Search
  English  ▼

X  

WS1850 Datasheet(PDF) 5 Page - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850
Description  13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.

WS1850 Datasheet(HTML) 5 Page - WiseSun Intelligence Technology Co. Ltd.

  WS1850 Datasheet HTML 1Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 2Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 3Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 4Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 5Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 6Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 7Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 8Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 9Page - WiseSun Intelligence Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
深圳前海维晟智能技术有限公司
Shenzhen Qianhai WiseSun Intelligence Technology Co. Ltd.
WS1850S
Jun. 2018
Preliminary Rev 1.1
第5页,共9页
3
典型应用
3.1 应用电路图
图3 是WS1850S 的推荐应用电路图,通讯方式选择SPI。使用双天线模式,线圈中间有一抽头接地。pin33
是指芯片底部的大焊盘,该焊盘需要良好接地。图中C8,C9,C11,C13的值,需要根据实际情况进行调整。
图3 WS1850S双天线应用电路图



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com