Electronic Components Datasheet Search
  English  ▼

X  

WS1850 Datasheet(PDF) 4 Page - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850
Description  13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.

WS1850 Datasheet(HTML) 4 Page - WiseSun Intelligence Technology Co. Ltd.

  WS1850 Datasheet HTML 1Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 2Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 3Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 4Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 5Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 6Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 7Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 8Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 9Page - WiseSun Intelligence Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
深圳前海维晟智能技术有限公司
Shenzhen Qianhai WiseSun Intelligence Technology Co. Ltd.
WS1850S
Jun. 2018
Preliminary Rev 1.1
第4页,共9页
29
D5/ /SCK
I/O
并口通讯接口 / I
2C从片地址选择位 ADDR_4 / SPI
接口的时钟输入端。与选择的通讯方式有关
30
D6/MOSI
I/0
并口通讯接口 / I
2C从片地址选择位 ADDR_5
31
D7/SCL/MISO/TX
I/O
并口通讯接口 / I
2C从片的SCL / SPI从输出 / UART
的输出。与选择的通讯方式有关
32
EA
I
I
2C地址编码使能
2
应用框图
图2是WS1850S在读卡器产品的典型应用原理框图。通过与MCU配合,加上相应的外围控制和反馈
电路,可以简单方便地实现各类读写卡产品方案,降低生产成本和调试复杂度,同时可以获得高性能高
速率的稳定可靠的非接触式数据传输。
3
15
12
4
17
6
16
24,29
13
30,31
10
11
21
22
DVDD AVDD TVDD
RX
VMID
TX2
C1
R1
C2
L1
C3
R4
R3
C8
L2
天线
C4
C6
C5
C7
C10
C9
OSCIN
OSCOUT
MCU
NRSTPD
DVSS
SPI/I2C
CONTROL
TVSS
TX1
WS1850
FEEDBACK
R2
图2 读卡器典型应用框图



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com