Electronic Components Datasheet Search
  English  ▼

X  

WS1850 Datasheet(PDF) 7 Page - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850
Description  13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.

WS1850 Datasheet(HTML) 7 Page - WiseSun Intelligence Technology Co. Ltd.

  WS1850 Datasheet HTML 1Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 2Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 3Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 4Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 5Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 6Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 7Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 8Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 9Page - WiseSun Intelligence Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
深圳前海维晟智能技术有限公司
Shenzhen Qianhai WiseSun Intelligence Technology Co. Ltd.
WS1850S
Jun. 2018
Preliminary Rev 1.1
第7页,共9页
4
电气特性
4.1 工作条件
符号
参数
条件
最小
典型
最大
单位
DVDD
数字电源电压
PVSS=DVSS=AVSS=TVSS=0V
PVDD=DVDD<=AVDD<=TVDD
2.0
3.3
5.5
V
AVDD
模拟电源电压
TVDD
发射器电源电压
PVDD
管脚电源电压
PVSS=DVSS=AVSS=TVSS=0V
PVDD=DVDD<=AVDD<=TVDD
2.0
3.3
5.5
V
TA
工作温度
-40
+85
℃
4.2 电气参数
符号
参数
条件
最小
典型
最大
单位
3.3V电气特性
IHPD
硬掉电电流
AVDD=DVDD=TVDD=PVDD=3.3V
NRSTPD=LOW
—
0.02
—
uA
ISPD
软掉电电流
AVDD=DVDD=TVDD=PVDD=3.3V
RF电平检测器开启
—
0.5
—
uA
IIDLE
空闲电流
AVDD=DVDD=TVDD=PVDD=3.3V
—
2.4
—
mA
IDVDD
数字电源电流
DVDD=3.3V
—
1.97
—
mA
IAVDD
模拟电源电流
AVDD=3.3V,位RCVOff=0
—
1.98
—
mA
模拟电源电流
AVDD=3.3V,位RCVOff=1
—
1.95
—
mA
ITVDD
发射器电源电流
连续发射载波,TVDD=3.3V
—
60
100
mA
VRipple
抗电源纹波
400
mV
VNoise
抗电源随机噪声
1600
mV
RTX
TX输出电阻
25
Ω
VRX
RX输入灵敏度
fSUB=848kHz
0.5
mVrms
RRx
Rx输入电阻
50
KΩ
VPOR
上电复位电压
1.5
V
TOSU
晶振启动时间
700
us
5V电气特性
IHPD
硬掉电电流
AVDD=DVDD=TVDD=PVDD=5V
NRSTPD=LOW
—
0.02
—
uA
ISPD
软掉电电流
AVDD=DVDD=TVDD=PVDD=5V
RF电平检测器开启
—
0.6
—
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com