Electronic Components Datasheet Search
  English  ▼

X  

WS1850 Datasheet(PDF) 1 Page - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850
Description  13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.

WS1850 Datasheet(HTML) 1 Page - WiseSun Intelligence Technology Co. Ltd.

  WS1850 Datasheet HTML 1Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 2Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 3Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 4Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 5Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 6Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 7Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 8Page - WiseSun Intelligence Technology Co. Ltd. WS1850 Datasheet HTML 9Page - WiseSun Intelligence Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
深圳前海维晟智能技术有限公司
Shenzhen Qianhai WiseSun Intelligence Technology Co. Ltd.
WS1850S
Jun. 2018
Preliminary Rev 1.1
第1页,共9页
符合ISO/IEC14443A/B标准13.56MHz非接触式读写卡芯片
主要特性
高集成度超低功耗的非接触式读写卡芯片,工作在13.56MHz,
支持双线圈驱动的各类读写卡方案
宽电压工作范围,电源电压2.0 ~ 5.5V
极低的待机和扫描功耗,有效读卡距离可达8 ~ 10cm
支持完整的ISO/IEC 14443 Type A/Type B协议
支持高传输速率的通信:106kbit/s、212kbit/s、424kbit/s
支持的主机接口,
----
SPI接口,速率10Mbit/s
----
I
2C接口,标准模式速率为100kbps/s
----
UART接口,传输速率1228.8kbit/s
64字节的发送和接收FIFO缓冲区
可编程定时器
具备硬件掉电、软件掉电和发送器掉电等多种节电模式
内置温度传感器,以便在芯片温度过高时自动停止 RF 发射
采用相互独立的多组电源供电,以避免模块间的相互干扰,提高工作的稳定性
具备 CRC 和奇偶校验功能,内置 CRC 协处理器,符合 ISO/1EC14443 和 CCITT 协议
内部振荡器,外接 27.12MHz 的晶体
支持低功耗卡检测(LPCD)功能
QFN32 封装进一步减小 PCB 的面积,降低生产成本
主要应用
金融领域读卡设备,身份证读卡器
智能家庭门锁,酒店锁,桑拿柜锁等非接触式读卡装置
各种非接触式读卡设备,公交卡、校园卡读卡器
各类非接触式门禁系统,签到、考勤机


Similar Part No. - WS1850

ManufacturerPart #DatasheetDescription
logo
SICK AG
WS18-3N130 SICK-WS18-3N130 Datasheet
690Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3N630 SICK-WS18-3N630 Datasheet
726Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P110 SICK-WS18-3P110 Datasheet
689Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P130 SICK-WS18-3P130 Datasheet
689Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P410 SICK-WS18-3P410 Datasheet
719Kb / 7P
Through-beam photoelectric sensor
3/8/2016
More results

Similar Description - WS1850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com