Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 5 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
SSM2166
–5–
RROT PT RESISTOR – k
1.0
0.1
0.01
045
510
35 40
15 20 25 30
50 55
TA = +25°C
V+ = 5V
RL = 100k
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
GAIN ADJUST (PIN 2) = 1.25k
60 65 70 75 80 85 90
TPC 7. Rotation Point vs. RROT PT (Pin 11 to V+)
10
0%
100
90
1s
5 V
TA = +25 C
COMPRESSION RATIO = 15:1
NOISE BW = 20kHz
TPC 8a. Wideband Output Noise
FREQUENCY – Hz
70
60
–20
1k
1M
10k
100k
50
40
0
30
20
10
–10
ROTATION POINT = 1.13V rms
NOISE GATE SETTING = 336 V rms
RCOMP = 40k
VIN = 400 V rms
G = 60dB
G = 40dB
G = 20dB
TPC 8b. GBW Curves vs. VCA Gain
FREQUENCY – Hz
–10
–80
20
30k
100
1k
–20
–30
–40
–50
–60
–70
RCOMP = 0
RGAIN = 1.24k
RGATE = 500k
RROT = 1.74k
10k
V+ = 5±1V p-p
V+ = 5±0.5V p-p
TPC 8c. PSRR vs. Frequency
10
0%
100
90
20mV
10 s
TA = +25 C
CAVG = 2.2 F
SYSTEM GAIN = 0dB
RL = 10k
COMP RATIO = 1:1
TPC 9. Small Signal Transient Response
10
0%
100
90
10 s
200mV
TA = +25 C
CAVG = 2.2 F
SYSTEM GAIN = 0dB
RL = 10k
COMP RATIO = 1:1
TPC 10. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com